Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 4Page - Infineon Technologies AG TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG TLE6288R Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TLE6288R
General Product Characteristics
Data Sheet
8
Rev. 2.5, 2010-10-11
3
General Product Characteristics
3.1
Absolute Maximum Ratings
Attention: Stresses above the ones listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings 1)
T
j = -40 ⋅C to +150 ⋅C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
PIN / Conditions
Min.
Max.
Voltages
3.1.1
Power Supply Voltage 1 static
dynamic: 1 min. 25
°C
dynamic: Test cond. see Figure 3
V
B
V
B
V
B
-0.3
–
–
20
24
40
VDOUT1-3
DOUT1-32)
DOUT1-32)
2) As long as max. junction temperature
T
j is not exceeded.
3.1.2
Power Supply Voltage 2
V
CC
V
DO
-0.3
7
V
VCC
VDO
3.1.3
Continuous Drain Source Voltage
(lowside configuration)
V
DSL
–
40
V
DOUT - SOUT
(channel 4 to 6)
Continuous Source Voltage
(highside configuration)
V
SH
-9
V
B
V
SOUT - GND
(channel 4 to 6)
3.1.4
Input Voltage
V
IN
-0.3
V
CC + 0.3
V
IN1-6, Reset,
FSIN, CS, SCLK,
SI, CLKProg
3.1.5
Output Voltage
V
OUT
-0.3
V
CC + 0.3
V
Fault
DIAG1-6
SO
3.1.6
Output Voltage
V
CP
–
V
B + 10
V
VCP; no voltage
must be applied
Currents
3.1.7
Reverse Current (1 ms)
I
rev
-4
–
A
between DOUT
and SOUT;
Channel 4 to 6
Temperatures
3.1.8
Operating Temperature
T
j
-40
+150
°C–
3.1.9
Storage Temperature
T
stg
-55
+150
°C–
ESD Susceptibility
3.1.10
ESD (Human Body Model)
C = 100 pF, R = 1.5 kΩ
Applied to all terminals 3 times
V
ESDb
–2000
V
–
3.1.11
ESD (Machine Model)
C = 200 pF, R = 0 Ω
Applied to all terminals 3 times
V
ESDm
–250
V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com