Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 13Page - Infineon Technologies AG TLE6288R Datasheet HTML 14Page - Infineon Technologies AG TLE6288R Datasheet HTML 15Page - Infineon Technologies AG TLE6288R Datasheet HTML 16Page - Infineon Technologies AG TLE6288R Datasheet HTML 17Page - Infineon Technologies AG TLE6288R Datasheet HTML 18Page - Infineon Technologies AG TLE6288R Datasheet HTML 19Page - Infineon Technologies AG TLE6288R Datasheet HTML 20Page - Infineon Technologies AG TLE6288R Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
17
Rev. 2.5, 2010-10-11
TLE6288R
SPI
5.3
SPI Diagnostics
As soon as a fault occurs for longer than the fault filter time, the fault information is latched into the diagnosis
register (and the Fault pin will change from high to low state). A new error on the same channel will overwrite the
old error report. Serial data out pin (SO) is in a high impedance state when CS is high. If CS receives a LOW signal,
all diagnosis bits can be shifted out serially. If the sent command was valid (see Note in Chapter 5.5) the rising
edge of CS will reset the diagnosis registers (except the channel OT flag) and restart the fault filter time. In case
of an invalid command the device will ignore the data bits and the diagnosis register will not be reset at the rising
CS edge.
Figure 9
Two Bits per Channel Diagnostic Feedback plus two Overtemperature Flags
For Full Diagnosis there are two diagnostic bits per channel configured as shown in Figure 9.
Diagnosis bit 0 and bit 1 are always set to 1.
5.2.10
Transfer Delay Time2)
(CS high time between two
accesses)
t
dt
200
––ns
–
–
5.2.11
Data Valid Time1)
C
L = 50 pF to 100 pF
C
L = 220 pF
t
valid
–
–
–
–
120
150
ns
–
–
1) Not subject to production test, specified by design.
2) To get the correct diagnostic information, the transfer delay time has to be extended to the maximum fault filter time
t
f(fault)max = 200 μs.
Electrical Characteristics: SPI Timing (cont’d)
V
CC = 4.5 V to 5.5 V, Tj = -40 ⋅C to +150 ⋅C, VB = 6 V to 16 V, Reset = H, VDO = VCC, all voltages with respect to
ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit Pin/
Comment
Conditions
Min.
Typ.
Max.
Diagnostic Serial Data Out SO
HH
Normal function
HL
Overload, Shorted Load or Overtemperature
LH
Open Load
LL
Switch Bypassed
Ch.6
Ch.5
Ch.4
Ch.3
15
14
13
12 11
10
9
8
7
6
5
4
3
2
1
0
MSB
Ch.2
Ch.1
LSB
Channel Overtem-
perature Flag
IC Overtem-
perature Flag
Bit0 and Bit1
is always 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com