Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7368 Datasheet HTML 1Page - Infineon Technologies AG TLE7368 Datasheet HTML 2Page - Infineon Technologies AG TLE7368 Datasheet HTML 3Page - Infineon Technologies AG TLE7368 Datasheet HTML 4Page - Infineon Technologies AG TLE7368 Datasheet HTML 5Page - Infineon Technologies AG TLE7368 Datasheet HTML 6Page - Infineon Technologies AG TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Type
Package
Marking
Remark
TLE7368G
Power-P-DSO-36
TLE7368 G
–
TLE7368E
PG-DSO-36
TLE7368 E
RoHS compliant
TLE7368-2E
PG-DSO-36
TLE7368-2 E
RoHS compliant
TLE7368-3E
PG-DSO-36
TLE7368-3 E
RoHS compliant
Power-P-DSO-36
PG-DSO-36
Data Sheet
3
Rev. 2.1, 2010-11-22
Next Generation Micro Controller Supply
TLE7368
1Overview
Features
•
High efficient next generation microcontroller power supply system
•
Wide battery input voltage range < 4.5 V up to 45 V
•
Operating temperature range
T
j = -40 °C to +150 °C
•
Pre-regulator for low all over power loss:
Integrated current mode Buck converter 5.5 V/2.5 A
•
Post-regulators, e.g. for system and controller I/O supply:
–LDO1: 5 V
±2%, 800 mA current limit
– LDO2: 3.3 V
±2% or 2.6V ±2% (selectable output), 700 mA
current limit
•
Integrated linear regulator control circuit to supply controller cores:
– LDO3 control for an external NPN power stage:
–1.5 V
±2% at TLE7368G and TLE7368E
–1.2 V
±2% at TLE7368-2E
–1.3 V
±2% at TLE7368-3E
•
Post-regulators for off board supply:
– 2 Tracking regulators following the main 5 V, 105 mA and 50 mA
•
Stand-by regulator with lowest current consumption:
– Linear voltage regulator as stand-by supply for e.g.
memory circuits
– Hardware selectable output voltages as 1.0 V or 2.6 V, 30 mA
– Independent battery input, separated from Buck regulator input
•
Hardware controlled on/off logic
•
Undervoltage detection:
– Undervoltage reset circuits with adjustable reset delay time at power up
– Undervoltage monitoring circuit on stand-by supply
•
Window watchdog circuit
•
Overcurrent protection on all regulators
•
Power sequencing on controller supplies
•
Overtemperature shutdown
•
Packages: Low
R
thja Power-P-DSO-36; small exposed pad PG-DSO-36
•
PG-DSO-36 only: Green Product (RoHS compliant)
•
AEC Qualified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com