Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 33Page - Infineon Technologies AG TLE7368 Datasheet HTML 34Page - Infineon Technologies AG TLE7368 Datasheet HTML 35Page - Infineon Technologies AG TLE7368 Datasheet HTML 36Page - Infineon Technologies AG TLE7368 Datasheet HTML 37Page - Infineon Technologies AG TLE7368 Datasheet HTML 38Page - Infineon Technologies AG TLE7368 Datasheet HTML 39Page - Infineon Technologies AG TLE7368 Datasheet HTML 40Page - Infineon Technologies AG TLE7368 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
TLE7368
Package Outlines
Data Sheet
39
Rev. 2.1, 2010-11-22
Figure 12
PG-DSO-36 (Plastic Green - Dual Small Outline Package)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
For additional package information, please go to the Infineon Internet
Page “Products”: http://www.infineon.com/products.
Dimensions in mm
PG-DSO-36-24, -38, -41, -42, -50-PO V09
Exposed Diepad
Index Marking
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Does not include dambar protrusion of 0.05 max. per side
3) Distance from leads bottom (= seating plane) to exposed diepad
Index Marking
1
18
36
19
18
1
19
36
Bottom View
0.65
17 x 0.65 = 11.05
±0.08
0.33
2)
A-B
0.17 M
36x
C
C
C
D
0.1
36x
SEATING PLANE
-0.2
7.6
1)
0.35 x 45˚
0.7 ±0.2
10.3 ±0.3
A
D
1)
12.8 -0.2
B
PG-DSO-36-38
PG-DSO-36-38
PG-DSO-36-24, -41, -42
Package
A6901-C007
A6901-C003
A6901-C001
Leadframe
5.2
7
7
4.6
PG-DSO-36-50
A6901-C008 6.0
5.4
5.1
5.1
Exposed Diepad Dimensions
Ejector Mark
4)
4) Excluding the mold flash allowance of 0.3 max per side
Ex
Ex
Ey



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com