Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG TLE7368 Datasheet HTML 23Page - Infineon Technologies AG TLE7368 Datasheet HTML 24Page - Infineon Technologies AG TLE7368 Datasheet HTML 25Page - Infineon Technologies AG TLE7368 Datasheet HTML 26Page - Infineon Technologies AG TLE7368 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
TLE7368
General Product Characteristics
Data Sheet
23
Rev. 2.1, 2010-11-22
Window Watchdog
4.4.136
H-input voltage
threshold
V
WDI, high
––
2.0
V
–
4.4.137
L-input voltage
threshold
V
WDI, low
0.8
–
–
V
–
4.4.138
WDI pull-up resistor
R
WDI
60
100
140
k
Ω
connected to Q_LDO2
4.4.139
Watchdog cycle time
T
WD
–2
–
Tcycle –
4.4.140
Window duration (OW,
CW, FW)
t
WD, W
–
512
–
TWD
–
4.4.141
Window duration (IW)
t
WD, IW
–32
–
TWD
–
4.4.142
Window watchdog
initialization time
t
WD, start
–32
–
TWD
Watchdog will start/initialized if
WDI is kept low for this period
and RO_2 is released
4.4.143
Watchdog output low
voltage
V
WDO,low
––
0.4
V
I
WDO = 2 mA
4.4.144
Watchdog output
leakage current
I
WDO,leak
––
1
µA
WDO state = High
Thermal Shutdown
4.4.145
Overtemperature
shutdown
T
j, shtdwn
160
175
190
°C
1) 8)
4.4.146
Overtemperature
shutdown hysteresis
∆T
15
–
30
K
1)
1) Specified by design, not subject to production test.
2) Tested according to measurement circuit 1.
3)
V
CCP supplied externally with a voltage according to the actual value of VCCP measurement.
4)
V
dr, Q_LDO1 = VFB/L_IN - VQ_LDO1; Vdr, Q_LDO2 = VIN_LDO2 - VQ_LDO2; Vdr, T<1, 2> = VFB/L_IN - VQ_T<1, 2>
5) Minimum value given is needed for regulator stability; application might need higher capacitance than the minimum.
6) Measured when
V
Q_LDO2 has dropped 100 mV from its nominal value obtained at VIN_LDO2 = 5.4 V.
7) External power transistor type: Fairchild KSH200.
8) Permanent operation of the device above 150
°C degrades lifetime; please refer to quality information.
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com