Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7368 Datasheet HTML 1Page - Infineon Technologies AG TLE7368 Datasheet HTML 2Page - Infineon Technologies AG TLE7368 Datasheet HTML 3Page - Infineon Technologies AG TLE7368 Datasheet HTML 4Page - Infineon Technologies AG TLE7368 Datasheet HTML 5Page - Infineon Technologies AG TLE7368 Datasheet HTML 6Page - Infineon Technologies AG TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TLE7368
Block Diagram
Data Sheet
5
Rev. 2.1, 2010-11-22
2
Block Diagram
Figure 1
Block Diagram
5.5V
5.0V
2.6/3.3V
1.5/
1.2/
1.3V
1.0/2.6V
BST
SW
FB/L_IN
Q_T1
Q_T2
Q_LDO1
IN_LDO2
Q_LDO2
SEL_LDO2
DRV_EXT
FB_EXT
WDO
Q_STBY
SEL_STBY
GND_A
MON_STBY
IN_STBY
WDI
RO_2
RT
RO_1
EN_µC
EN_IGN
IN
GND_P
INT.BIASING,
CHARGE PUMP
PWM
CONTROLLER
ENABLE
≥ 1
RESET
(WINDOW
COMPARATOR)
RESET
(WINDOW
COMPARATOR)
STANDBY
MONITOR
WINDOW
WATCHDOG
TEMPERATURE
SENSE
TLE 7368
TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com