Electronic Components Datasheet Search
  English  ▼

X  

TLE7368 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 2Page - Infineon Technologies AG TLE7368 Datasheet HTML 3Page - Infineon Technologies AG TLE7368 Datasheet HTML 4Page - Infineon Technologies AG TLE7368 Datasheet HTML 5Page - Infineon Technologies AG TLE7368 Datasheet HTML 6Page - Infineon Technologies AG TLE7368 Datasheet HTML 7Page - Infineon Technologies AG TLE7368 Datasheet HTML 8Page - Infineon Technologies AG TLE7368 Datasheet HTML 9Page - Infineon Technologies AG TLE7368 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
6
Rev. 2.1, 2010-11-22
TLE7368
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions TLE7368G
Pin
(TLE7368G)
Pin
(TLE7368E)
Symbol
Function
1
1
GND_A
Analog ground connection;
Connect to heatslug resp. exposed pad.
22
RT
Reset and watchdog timing pin;
Connect a ceramic capacitor to GND to determine the time base for the
reset delay circuits and the watchdog cycle time
33
RO_1
Reset output Q_LDO1;
Open drain output, active low.
Connect an external 10 k
Ω pull-up resistor to microcontroller I/O
voltage.
44
RO_2
Reset output Q_LDO2 and FB_EXT;
Open drain output, active low.
Connect an external 10 k
Ω pull-up resistor to microcontroller I/O
voltage
5
–
N.C.
Internally not connected; Connect to GND_A
GND_A
1
2
3
RO_2
4
N.C.
5
IN_LDO2
6
Q_LDO2
7
Q_T1
8
CCP
9
Q_T2
10
EN_uC
11
EN_IGN
12
SEL_STBY
13
C1-
14
C2-
15
C1+
16
C2+
17
GND_P
18
IN
19
WDI
20
IN
21
N.C.
22
SEL_Q2
23
SW
24
SW
25
BST
26
FB/L_IN
27
Q_LDO1
28
FB_EXT
29
WDO
30
DRV_EXT
31
N.C.
32
N.C.
33
Q_STBY
34
IN_STBY
35
MON_STBY
36
GND
GND
RT
RO_1
TLE 7368 G
GND_A
1
2
3
RO_2
4
5
IN_LDO2
6
Q_LDO2
7
Q_T1
8
CCP
9
Q_T2
10
EN_uC
11
EN_IGN
12
SEL_STBY
13
C1-
14
C2-
15
C1+
16
C2+
17
GND_P
18
IN
19
WDI
20
IN
21
GND_A
22
SEL_Q2
23
SW
24
SW
25
BST
26
FB/L_IN
27
Q_LDO1
28
FB_EXT
29
WDO
30
DRV_EXT
31
32
GND_A
33
Q_STBY
34
IN_STBY
35
MON_STBY
36
RT
RO_1
TLE 7368 E
GND_A
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com