Electronic Components Datasheet Search
  English  ▼

X  

PCM5100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100 Datasheet(HTML) 2 Page - Texas Instruments

  PCM5100 Datasheet HTML 1Page - Texas Instruments PCM5100 Datasheet HTML 2Page - Texas Instruments PCM5100 Datasheet HTML 3Page - Texas Instruments PCM5100 Datasheet HTML 4Page - Texas Instruments PCM5100 Datasheet HTML 5Page - Texas Instruments PCM5100 Datasheet HTML 6Page - Texas Instruments PCM5100 Datasheet HTML 7Page - Texas Instruments PCM5100 Datasheet HTML 8Page - Texas Instruments PCM5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Current
Segment
DAC
Current
Segment
DAC
Zero
Data
Detector
UVP/Reset
PLL Clock
Power
Supply
Ch. Pump
POR
Clock Halt
Detection
Advanced Mute Control
MCK
BCK
LRCK
LINE OUT
DIN (i2s)
PCM510x
CPVDD (3.3V)
AVDD (3.3V)
DVDD (3.3V)
GND
PCM5100, PCM5101, PCM5102
SLAS764
– MAY 2011
www.ti.com
Table 1. Differences Between PCM510x Devices
Part Number
Dynamic Range
SNR
THD
PCM5102
112dB
112dB
–93dB
PCM5101
106dB
106dB
–92dB
PCM5100
100dB
100dB
–90dB
spacer
Figure 1. PCM510x Functional Block Diagram
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com