Electronic Components Datasheet Search
  English  ▼

X  

PCM5100 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM5100 Datasheet HTML 9Page - Texas Instruments PCM5100 Datasheet HTML 10Page - Texas Instruments PCM5100 Datasheet HTML 11Page - Texas Instruments PCM5100 Datasheet HTML 12Page - Texas Instruments PCM5100 Datasheet HTML 13Page - Texas Instruments PCM5100 Datasheet HTML 14Page - Texas Instruments PCM5100 Datasheet HTML 15Page - Texas Instruments PCM5100 Datasheet HTML 16Page - Texas Instruments PCM5100 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
BCK
tBCH
tBCL
tBCY
t
DS
t
DH
tBL
tLB
DATA
LRCK
0. 5 * DVDD
0. 5 * DVDD
0. 5 * DVDD
(Input)
(Input)
(Input)
DATA
0. 5 * DVDD
( Output)
tDOD
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
PCM Audio Data Formats and Timing
The PCM510x supports industry-standard audio data formats, including standard I2S and left-justified. Data
formats are selected using the FMT (pin 16), Low for I2S, and High for Left-justified.
All formats require binary 2s complement, MSB-first audio data. Figure 13 shows a detailed timing diagram for
the serial audio interface.
Figure 13. PCM510x Serial Audio Timing - Slave
Table 7. Audio Interface Slave Timing
Parameters
Min
Max
Units
tBCY
BCK Pulse Cycle Time
40
ns
tBCL
BCK Pulse Width LOW
16
ns
tBCH
BCK Pulse Width HIGH
16
ns
tBL
BCK Rising Edge to LRCK Edge
8
ns
tLB
LRCK Edge to BCK Rising Edge
8
ns
tDS
DATA Set Up Time
8
ns
tDH
DATA Hold Time
8
ns
Copyright
© 2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com