Electronic Components Datasheet Search
  English  ▼

X  

PCM5100 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100 Datasheet(HTML) 3 Page - Texas Instruments

  PCM5100 Datasheet HTML 1Page - Texas Instruments PCM5100 Datasheet HTML 2Page - Texas Instruments PCM5100 Datasheet HTML 3Page - Texas Instruments PCM5100 Datasheet HTML 4Page - Texas Instruments PCM5100 Datasheet HTML 5Page - Texas Instruments PCM5100 Datasheet HTML 6Page - Texas Instruments PCM5100 Datasheet HTML 7Page - Texas Instruments PCM5100 Datasheet HTML 8Page - Texas Instruments PCM5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply Voltage
AVDD, CPVDD, DVDD
–0.3 to 3.9
Digital Input Voltage
–0.3 to 3.9
V
Analog Input Voltage
–0.3 to 3.9
Operating Temperature Range
–25 to 85
°C
Storage Temperature Range
–65 to 150
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA
Theta JA
High K
91.2
ψJT
Psi JT
1.0
ψJB
Psi JB
41.5
ºC/W
θJC
Theta JC
Top
25.3
θJB
Theta JB
42.0
Device Power Dissipation
94.4
185
mW
ELECTRICAL CHARACTERISTICS
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
24
32
Bits
Data Format (PCM Mode)
Audio data interface format
I2S, left justified
Audio data bit length
16, 24, 32-bit acceptable
Audio data format
MSB First, 2
’s Complement
fS
Sampling frequency
8
384
kHz
System clock frequency
64, 128, 192, 256, 384, 512, 768, 1024, 1152, 1536, 2048, or
3072
fSCK, up to 50Mhz
Digital Input/Output
Logic Family: 3.3V LVCMOS compatible
VIH
0.7
×DVDD
Input logic level
V
VIL
0.3
×DVDD
IIH
VIN = VDD
10
Input logic current
µA
IIL
VIN = 0V
–10
VOH
IOH = –4mA
0.8
×DVDD
Output logic level
V
VOL
IOL = 4mA
0.22
×DVDD
Copyright
© 2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com