Electronic Components Datasheet Search
  English  ▼

X  

PCM5100 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM5100 Datasheet HTML 17Page - Texas Instruments PCM5100 Datasheet HTML 18Page - Texas Instruments PCM5100 Datasheet HTML 19Page - Texas Instruments PCM5100 Datasheet HTML 20Page - Texas Instruments PCM5100 Datasheet HTML 21Page - Texas Instruments PCM5100 Datasheet HTML 22Page - Texas Instruments PCM5100 Datasheet HTML 23Page - Texas Instruments PCM5100 Datasheet HTML 24Page - Texas Instruments PCM5100 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (x fS)
G005
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
Samples
G016
−0.0001
−0.00008
−0.00006
−0.00004
−0.00002
0
0.00002
0.00004
0.00006
0.00008
0.0001
0.0
0.5
1.0
Frequency (x fS)
G030
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
Table 14. Low latency x2 Interpolation Filter
Parameter
Condition
Value (Typ)
Units
Filter Gain Pass Band
0
……. 0.45Fs
±0.0001
dB
Filter Gain Stop Band
0.55Fs
….. 1.455Fs
–52
dB
Filter Group Delay
3.5
s
space
Figure 31. Low latency x2 Interpolation Filter
Figure 32. Low latency x2 Interpolation Filter
Frequency Response
Impulse Response
Figure 33. Low latency x2 Interpolation Filter Passband Ripple
Copyright
© 2011, Texas Instruments Incorporated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com