Electronic Components Datasheet Search
  English  ▼

X  

PCM5100 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM5100 Datasheet HTML 7Page - Texas Instruments PCM5100 Datasheet HTML 8Page - Texas Instruments PCM5100 Datasheet HTML 9Page - Texas Instruments PCM5100 Datasheet HTML 10Page - Texas Instruments PCM5100 Datasheet HTML 11Page - Texas Instruments PCM5100 Datasheet HTML 12Page - Texas Instruments PCM5100 Datasheet HTML 13Page - Texas Instruments PCM5100 Datasheet HTML 14Page - Texas Instruments PCM5100 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
tSCKH
System Clock
(SCK)
tSCKL
"L"
"H"
0.3*DVDD
0.7*DVDD
tSCY
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
System Clock Input
The PCM510x requires a system clock for operating the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 12) and supports up to 50MHz. The PCM510x has
a system clock detection circuit that automatically senses which frequency the system clock is operating.
Common audio sampling frequencies of 8kHz, 16kHz, 32kHz - 44.1kHz - 48kHz, 88.2kHz - 96kHz, 176.4kHz
-192kHz, and 384kHz with
±4% tolerance are supported. The sampling frequency detector sets the clock for the
digital filter, Delta Sigma Modulator (DSM) and the Negative Charge pump (NCP) automatically. Table 3 shows
examples of system clock frequencies for common audio sampling rates.
SCK rates that are not common to standard audio clocks, between 1MHz and 50MHz, are only supported in the
PCM512x and PCM514x devices
’ software mode, by configuring various registers. This allows the device to
become a clock master and drive the host
’s serial port with LRCK and BCK, from a non audio related clock (e.g.
using 12MHz to generate 44.1kHz (LRCK) and 2.8224MHz (BCK) ).
Figure 12 shows the timing requirements for the system clock input. For optimal performance, it is important to
use a clock source with low phase jitter and noise.
Table 3. System Master Clock Inputs for Audio Related Clocks
System Clock Frequency (fSCK) (MHz)
Sampling
Frequency
64 fS
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1024 fS
1152 fS
1536 fS
2048 fS
3072 fS
8 kHz
–(1)
1.0240(2)
1.5360(2)
2.0480
3.0720
4.0960
6.1440
8.1920
9.2160
12.2880
16.3840
24.5760
16 kHz
–(1)
2.0480(2)
3.0720(2)
4.0960
6.1440
8.1920
12.2880
16.3840
18.4320
24.5760
36.8640
49.1520
32 kHz
–(1)
4.0960(2)
6.1440(2)
8.1920
12.2880
16.3840
24.5760
32.7680
36.8640
49.1520
–(1)
–(1)
44.1 kHz
–(1)
5.6488(2)
8.4672(2)
11.2896
16.9344
22.5792
33.8688
45.1584
–(1)
–(1)
–(1)
–(1)
48 kHz
–(1)
6.1440(2)
9.2160(2)
12.2880
18.4320
24.5760
36.8640
49.1520
–(1)
–(1)
–(1)
–(1)
88.2 kHz
–(1)
11.2896(2)
16.9344
22.5792
33.8688
45.1584
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
96 kHz
–(1)
12.2880(2)
18.4320
24.5760
36.8640
49.1520
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
176.4 kHz
–(1)
22.5792
33.8688
45.1584
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
192 kHz
–(1)
24.5760
36.8640
49.1520
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
384 kHz
24.5760
49.1520
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
–(1)
(1)
This system clock rate is not supported for the given sampling frequency.
(2)
This system clock rate is supported by PLL mode.
Figure 12. Timing Requirements for SCK Input
Table 4. Timing Requirements for SCK Input
Parameters
Min
Max
Unit
tSCY
System clock pulse cycle time
20
1000
ns
tSCKH
System clock pulse width, High
8
ns
tSCKL
System clock pulse width, Low
8
ns
Copyright
© 2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com