Electronic Components Datasheet Search
  English  ▼

X  

ACS103 Datasheet(PDF) 6 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation ACS103 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ACS103 Issue 2.03 May 1996.
2
1 DR3
2 DR1
3IC
4 DM1
5 RxD1
6IC
7 XO3
8IC
9NC
10 RTS / XI1
11 TxD3
12 TxD1
13 VD+
14 XTI
15 XTO
16 CKC
17 TxCL
18 RxCL
19 XI3
20 DM2
21 SEL
22 DM3
23 GND
24 DTR / XI2
25 TxD2
26 ERD
27 NC
28 IC
29 RxD2
30 PORB
31 RxD3
32 CTS / XO1
33 DSR / XO2
34 DCDB
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
Figure 1. Top view of 68 PLCC package
NC = Not Connected IC = Internally Connected
The power coupled to the cable is a function of the
efficiency of the LED, the current applied to the LED
and the diameter of the fiber optic cable. The larger
the cable diameter the greater the power coupled.
The conversion current produced by the receive
diode is a function of the LED efficiency and the
cable diameter.
The conversion efficiency is
measured in terms of its ability to convert the
available power to current, known as the
responsivity, given by (A/W). Some examples of link
budgets are given in the Table 1., though note that
significantly better "A" spec. LEDs available, e.g.
from Acapella. “A” spec. LEDs can offer > 12 dB link
budget on 50 µm fiber.
Maximum Link Length
The internal timing chain within the ACS103 limits
the link length to 2.5 km ('Standard' mode) and 5 km
('Double' mode) with a crystal frequency of
9.216 MHz. However, the maximum link length as
determined by the ACS103 timing chain is inversely
proportional to the crystal frequency. Please contact
Acapella if you wish to discuss longer links.
TxD inputs
There is a choice of pins for TxD1, pins 12 and 41.
Only one input should be used. The other input will
pull-up to VDD via an internal resistor. Pin 12 is the
recommended choice since it is further away from
the sensitive analogue pins.
However, pin 41 is
available for designers if required.
Digital Mode
The ACS103 may be used as a controller and data
buffer which allows the device to be used with an
external amplifier and receiver, e.g. for non-fiber
applications. Check with Acapella for details.
Data delay and skew
The data delay in synchronous mode is typically 48
data-bit periods and worst case 100 data-bit periods.
When configured in asynchronous mode the worst
case data delay is 300 µs at 9.216 MHz and 550 µs at
5 MHz. The additional data transmission channels
(XI1/2/3) are delayed by up to 1.2 ms in 'Standard'
mode and up to 2.4 ms in 'Double' mode when used
with a crystal frequency of 9.216 MHz.
For other
crystal values the delay changes inversely
proportional to the frequency of operation.
The worst case data skews between the main data
channels TxD1/RxD1, TxD2/RxD2 and TxD3/RxD3
across the link are as follows.
Synchronous : zero data bits.
Asynchronous : 216 * (crystal clock period).
ACAPELLA
ACS103
1-Fiber Modem
VD+
68
VD+
67
GND 66
GND 65
DR2
64
TRC
63
DR4
62
NC
61
NC
60
NC
59
NC
58
NC
57
VG
56
VA+
55
CON2 54
LDP
53
NC
52
NC
51
LDN
50
CON1 49
CNT
48
GND 47
NC
46
NC
45
NC
44
NC
43
IC
42
TXD1 41
LIN
40
RSS
39
VD+
38
VD+
37
GND 36
GND 35



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com