Electronic Components Datasheet Search
  English  ▼

X  

ACS103 Datasheet(PDF) 10 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation ACS103 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
ACS103 Issue 2.03 May 1996.
2
Note 4: The LED is switched on for approximately 1/5th of the time with a cycle of 160 µs at 9.216 MHz.
5: The ACS103 is at its best with low capacitance LEDs - Acapella is able to supply LEDs with lower than 20 pF capacitance.
Matching Characteristics (for specified operating conditions)
Parameter
Symbol
Min
Typ
Max
Units
Crystal tolerance
use parallel resonate crystal and
recommended padding capacitors
Ct
-100
0
100
ppm
Amplifier sensitivity input current
standard
double
Irec
650
500
500
300
-
nA
Maximum amplifier input current
Imax
30
50
-
mA
Rtrc placed between TRC and GND
Rtrc
0
-
-
Ω
LED current
with TRC floating:
peak current
average curent
(Note 4)
Icur
70
14
-
-
130
26
mA
LED capacitance
with Vr = 0 Volts
(Note 5)
Cled
-
-
100
pF
LED leakage current
Vr = 1.8 Volts
Cl
-
1
100
nA
LED reverse bias
Vr
1.3
1.5
1.8
V
ISO9001
CERTIFIED
Semtech reserves the right to change specifications on catalog devices without notice. © Copyright Semtech Corp 2000
For additional information, contact the following:
Semtech Corporation Advanced Communications Products
E-Mail:
AdvCom@semtech.com
Internet:
http://www.semtech.com
USA:
652 Mitchell Road, Newbury Park, CA 91320-2289
Tel: +1 805 498 2111, Fax: +1 805 498 3804
FAR EAST: 11F, No. 46, Lane 11, Kuang Fu North Road, Taipei, Taiwan, R.O.C.
Tel: +886 2 2748 3380, Fax: +886 2 2748 3390
EUROPE:
Delta House, Chilworth Research Centre, Southampton, Hants, SO16 7NS, UK
Tel: +44 23 80 769008, Fax: +44 23 80 768612



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com