Electronic Components Datasheet Search
  English  ▼

X  

ACS103 Datasheet(PDF) 3 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 3 Page - Semtech Corporation

  ACS103 Datasheet HTML 1Page - Semtech Corporation ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACS103 Issue 2.03 May 1996.
3
2
or 6.0 kHz using the recommended crystal frequency
- 9.216 MHz.
The sample frequency for 'Double'
mode is: (crystal freq)/3072, or 3 kHz using the
recommended crystal of 9.216 MHz.
The output filters for XO1/2/3 require a minimum
over-sampling of 6 on data presented to the XI1/2/3
inputs.
In ACS101 mode the XI3 input is internally disabled
and the XO3 output is forced into the high impedance
state.
RSS High - Modem Handshake Mode.
In modem handshake mode the control signals are
used as conventional handshake signals between the
DTE (terminal) and the DCE (modem):
DSR (Data Set Ready) DCE
à
à
à
à
à DTE.
The DCE is powered up and asserts a Low (active
level) on DSR.
The DTE is informed that it is
connected to a “live” DCE.
DTR (Data Terminal Ready) DTE
à
à
à
à
à DCE.
The DTE is powered up and asserts a Low (active
level) on DTR.
The DCE is informed that it is
connected to a “live” DTE. If DTR is set High, the
DCE responds by taking DCDB High.
RTS (Request to Send) DTE
à
à
à
à
à DCE.
The DTE recognises that synchronisation has been
achieved (DCDB active) and asserts a Low (active
level) on RTS. This constitutes a request by the DTE
to send data to the far-end modem.
CTS (Clear to Send) DCE
à
à
à
à
à DTE.
The DCE recognises the active RTS signal and
responds by asserting a Low (active level) on CTS. If
RTS is set High the DCE responds by bringing CTS
High.
DCDB (Data Carrier Detect) DCE
à
à
à
à
à DTE.
When synchronisation is achieved between DCEs
the DCDB signal is set Low (active level).
If
synchronisation is lost the DCE sets DCDB and CTS
High.
Crystal Clock
A crystal may be connected between the pins XLI and
XLO. Alternatively, XLI may be driven directly by an
external clock. The operational frequency range is
5 MHz to 10 MHz, though communicating devices
must be driven at the same nominal frequency with a
tolerance of 100 ppm.
In synchronous mode the
frequency should be 9.216 MHz, resulting in the
standard range of synchronous communication
frequencies selected by DR1-DR4.
For asynchronous operation, the choice of crystal
clock frequency dictates the sample rate of the
asynchronous data appearing at the input TxD, and
consequently the jitter on the output RxD.
The
sample frequency is always 1/108 of the chosen
clock frequency in 'Standard' mode and 1/216 in
'Double' mode.
In ACS101 emulation mode the
sample frequency is 1/36 of crystal clock frequency
in 'Standard' mode and 1/72 of the crystal clock
frequency in 'Double' mode.
Integrating Capacitor
The ACS103 requires the use of an integrating
ceramic capacitor of value 22 nF - 33 nF between
pins CNT and GND for a crystal oscillator frequency
range of 5 - 10 MHz.
DCDB
The Data Carrier Detect (DCDB) signal goes Low
when the modems are locked and ready for data
transmission.
PORB
The PORB pin is a single-pin alternative to the reset
combination DM3 = 0, DM2 = 0, DM1 = 1. If left
unconnected the input pulls High to the operational
state.
Selecting reset using DM1-DM3 or holding
PORB Low turns off the LED and most of the digital
logic. The device has been designed to power-up
correctly and operate without the aid of PORB.
Transmission Clock TxCL
The ACS103 gives a choice between internally and
externally generated transmission clocks (see Figure
2.
Timing
diagrams
for
set-up
and
hold
specifications).
When the CKC pin is held Low, TxCL is configured as
an output producing a clock at the frequency defined
by DR1-DR4. Data is clocked into the device on the
rising edge of the internally supplied clock.
When the CKC pin is held High, TxCL is configured
as an input, and will accept an externally produced
transmission clock with a tolerance of up to 500 ppm
with respect to the transmission rate determined by
DR1-DR4. The ACS103 performance is at its best
when external changes on input pins are
synchronised with internal clocks.
Therefore,
superior performance is likely when using the
internally generated data transmission clock.
If
however, an externally generated transmission clock
is used, then TxCL and TxD are generally
asynchronous to the ACS103 internal clocks,
performance in this case will be enhanced by limiting
the edge speed of the TxCL and TxD signals so that
they are greater than 150 ns. The modem has been
designed to cope with very slow edges on inputs,
without fear of metastability problems.
Receive Clock RxCL
In synchronous mode data is valid on the rising edge
of RxCL clock (see Figure 2. Timing diagrams). To
ensure that the average receive frequency is the



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com