Electronic Components Datasheet Search
  English  ▼

X  

ACS103 Datasheet(PDF) 7 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation ACS103 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACS103 Issue 2.03 May 1996.
7
2
Figure 4. 6 Full-duplex channels in data transmission mode
TxD1
RxD1
TxD2
RxD2
TxD3
RxD3
XI3
XO3
RxD1
TXD1
RxD2
XI3
XO3
DSR / XO2
DTR / XI2
RxD3
TxD3
TxD2
DTR / XI2
DSR / XO2
DTE
ACS103
ACS103
DCE
90 %
90 %
10 %
10 %
t
r
t
f
TxCL and RxCL clock pulse widths
t
wl
t
wh
t
sut
t
ht
t
sur
t
hr
TxD
RxD
TxCL
RxCL
Transmit set-up and hold times
Receive set-up and hold times
Digital Outputs rise and fall times
Figure 2. Timing diagrams
Figure 3. Recommended power supply layout
Single Fiber Link
RTS / XI1
CTS / XO1
CTS / XO1
RTS / XI1
VD+ pins are 13, 37, 38, 67 and 68.
GND pins are 23, 35, 36, 47, 65 and 66.
All capacitors must be placed
very close to the ACS103.
VA+
VD+
VG
GND
GND
Pin 49 and Pin 54
should be connected together
GND
CON1
CON2
ACS103
CNT
100 nF
47µF
100 nF
100 nF
22 - 33 nF
47 µH
+5V
47 µH
GND
V+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com