Electronic Components Datasheet Search
  English  ▼

X  

ACS103 Datasheet(PDF) 9 Page - Semtech Corporation

Part # ACS103
Description  Acapella Optical Modem IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS103 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button ACS103 Datasheet HTML 2Page - Semtech Corporation ACS103 Datasheet HTML 3Page - Semtech Corporation ACS103 Datasheet HTML 4Page - Semtech Corporation ACS103 Datasheet HTML 5Page - Semtech Corporation ACS103 Datasheet HTML 6Page - Semtech Corporation ACS103 Datasheet HTML 7Page - Semtech Corporation ACS103 Datasheet HTML 8Page - Semtech Corporation ACS103 Datasheet HTML 9Page - Semtech Corporation ACS103 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ACS103 Issue 2.03 May 1996.
9
2
Static Digital Output Characteristics (for specified operating conditions)
Output pins: RxD1/2/3, CTS, DSR, XO3, DCDB, LIN, ERD, XLO, RxCL, TxCL(output)
Parameter
Symbol
Min
Typ
Max
Units
Vout Low (Iout = 4mA)
Vol
0
-
0.5
V
Vout High (Iout = 4mA)
Voh
VDD-0.5
-
-
V
Max load capcitance
Cl
-
-
50
pF
XLO (Note 2)
-
-
-
-
pF
Note 2:
XLO does not have a drive capability other than that of the load presented by a parallel resonant crystal and appropriate padding
capacitor.
Dynamic Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Crystal frequency
(XTI, XTO)
frc
5
9.216
10
MHz
External clock (XTI)
High or Low time
fcl
40
-
60
%
RxD and TxD data rate
ACS101 mode
Synchronous
standard
double
Asynchronous
standard
double
fckc
2.4
9.6
DC
DC
-
256
64
38.4
19.2
kbps
RxD and TxD data rate
ACS103 mode
Synchronous
standard
double
Asynchronous
standard
double
fckc
2.4
9.6
DC
DC
-
64
38.4
9.6
4.8
kbps
RxCL and TxCL duty cycle
(with TxCL = output)
twh
twl
-
50
-
%
Frequency deviation at TxCL from
selected value (with TxCL = input)
Fd
-
-
500
ppm
TxD to TxCL set-up time
tsut
300
-
-
ns
TxD to TxCL hold time
tht
25
-
-
ns
RxD to RxCL set-up time
tsur
-
0.5 *1/RxCL
-
ns
RxD to RxCL hold time
thr
-
0.5 *1/RxCL
-
ns
Digital output - fall time
tf
-
-
100
ns
Digital output - rise time
tr
-
-
100
ns
Power consumption:
TCL floating (or 100kOhms)
TCL tied to GND
(Note 3)
Pc
-
200
150
300
250
mW
Note 3:
Power consumption assumes that digital outputs drive CMOS loads.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com