Electronic Components Datasheet Search
  English  ▼

X  

B7959 Datasheet(PDF) 7 Page - EPCOS

Part # B7959
Description  SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7959 Datasheet(HTML) 7 Page - EPCOS

Back Button B7959 Datasheet HTML 3Page - EPCOS B7959 Datasheet HTML 4Page - EPCOS B7959 Datasheet HTML 5Page - EPCOS B7959 Datasheet HTML 6Page - EPCOS B7959 Datasheet HTML 7Page - EPCOS B7959 Datasheet HTML 8Page - EPCOS B7959 Datasheet HTML 9Page - EPCOS B7959 Datasheet HTML 10Page - EPCOS B7959 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
February 11, 2011
B7959
1732.5 / 2132.5 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics for CDMA 1x AWS Band
Temperature range for specification:
T
= –30 ˚C to +85˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω
RX teminating impedance:
ZRx = 100 Ω (balanced) || 8.2nH
Characteristics Antenna-Rx
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
-
2132.5
-
MHz
Maximum insertion attenuation
α
2110.00 ... 2155.00 MHz
-
2.0
2.4
dB
Amplitude ripple (p-p)
∆α
2110.00 ... 2155.00 MHz
-
0.3
0.7
dB
Input VSWR (Ant port)
2110.00 ... 2155.00 MHz
-
1.3
2.0
Output VSWR (Rx port)
2110.00 ... 2155.00 MHz
-
1.4
2.0
CMRR (|S32-S42|/|S32+S42|)
2110.0
... 2155.0
MHz
221)
1) A combination of 10 ˚ phase balance and 1 dB amplitude balance corresponds to 19.6 dB CMRR
25
-
dB
Attenuation
α
1.0
... 1710.0
MHz
35
53
-
dB
1710.0
... 1755.0
MHz
45
58
-
dB
1755.0
... 2025.0
MHz
30
38
-
dB
2240.0
... 2400.0
MHz
15
40
-
dB
2400.0
... 2484.0
MHz
30
44
-
dB
2484.0
... 6000.0
MHz
35
46
-dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com