Electronic Components Datasheet Search
  English  ▼

X  

B7959 Datasheet(PDF) 5 Page - EPCOS

Part # B7959
Description  SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7959 Datasheet(HTML) 5 Page - EPCOS

  B7959 Datasheet HTML 1Page - EPCOS B7959 Datasheet HTML 2Page - EPCOS B7959 Datasheet HTML 3Page - EPCOS B7959 Datasheet HTML 4Page - EPCOS B7959 Datasheet HTML 5Page - EPCOS B7959 Datasheet HTML 6Page - EPCOS B7959 Datasheet HTML 7Page - EPCOS B7959 Datasheet HTML 8Page - EPCOS B7959 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
February 11, 2011
B7959
1732.5 / 2132.5 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics for W-CDMA Band 4
Temperature range for specification:
T
=
-15 ˚C to +80 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω
RX teminating impedance:
ZRx = 100 Ω (balanced) || 8.2nH
Characteristics Antenna-Rx
min.
typ.
@ 25 ˚C
max.
Attenuation
α
1.0
... 1710.0
MHz
35
53
-
dB
@fCarrier 1712.4 ... 1752.6 MHz αW-CDMA1)
1) Attenuation of W-CDMA signal (Power Transfer Function). Please, refer to page 9 of this docu-
ment.
45
58
-
dB
1755.0
... 2025.0
MHz
30
38
-
dB
2240.0
... 2400.0
MHz
15
40
-
dB
2400.0
... 2484.0
MHz
30
44
-
dB
2484.0
... 6000.0
MHz
35
46
-dB
Characteristics Tx-Rx
min.
typ.
@ 25 ˚C
max.
Differential Mode Isolation
α
1574.0
... 1577.0
MHz
40
60
-
dB
1712.4
... 1752.6
MHz
α
W-CDMA
1)
1) Attenuation of W-CDMA signal (Power Transfer Function). Please, refer to page 9 of this docu-
ment.
55
60
-
dB
2112.4
... 2152.6
MHz
α
W-CDMA
1)
50
54
-dB
3410.0
... 3520.0
MHz
20
60
-dB
5120.0
... 5275.0
MHz
20
60
-dB
Common Mode Isolation
α
1712.4
... 1752.6
MHz
α
W-CDMA
1)
50
53
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com