Electronic Components Datasheet Search
  English  ▼

X  

B7959 Datasheet(PDF) 10 Page - EPCOS

Part # B7959
Description  SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7959 Datasheet(HTML) 10 Page - EPCOS

Back Button B7959 Datasheet HTML 6Page - EPCOS B7959 Datasheet HTML 7Page - EPCOS B7959 Datasheet HTML 8Page - EPCOS B7959 Datasheet HTML 9Page - EPCOS B7959 Datasheet HTML 10Page - EPCOS B7959 Datasheet HTML 11Page - EPCOS B7959 Datasheet HTML 12Page - EPCOS B7959 Datasheet HTML 13Page - EPCOS B7959 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
February 11, 2011
B7959
1732.5 / 2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Maximum Ratings
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) According to JESD22-A115A (machine model), 10 negative and 10 positive pulses.
V
machine model, 10 pulses
Input power at
1710.0 ... 1755.0 MHz
Pin
29
dBm
continuous wave
elsewhere
Pin
10
dBm
50 ˚C, 5000h
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com