Electronic Components Datasheet Search
  English  ▼

X  

B7959 Datasheet(PDF) 4 Page - EPCOS

Part # B7959
Description  SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7959 Datasheet(HTML) 4 Page - EPCOS

  B7959 Datasheet HTML 1Page - EPCOS B7959 Datasheet HTML 2Page - EPCOS B7959 Datasheet HTML 3Page - EPCOS B7959 Datasheet HTML 4Page - EPCOS B7959 Datasheet HTML 5Page - EPCOS B7959 Datasheet HTML 6Page - EPCOS B7959 Datasheet HTML 7Page - EPCOS B7959 Datasheet HTML 8Page - EPCOS B7959 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
February 11, 2011
B7959
1732.5 / 2132.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data sheet
Characteristics for W-CDMA Band 4
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
TX terminating impedance:
ZTx =50 Ω
ANT terminating impedance:
ZAnt =50 Ω
RX teminating impedance:
ZRx = 100 Ω (balanced) || 8.2nH
Characteristics Antenna-Rx
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
-
2132.5
-
MHz
Maximum insertion attenuation
α
W-CDMA
1)
1) Attenuation of W-CDMA signal (Power Transfer Function). Please, refer to page 9 of this docu-
ment.
@fCarrier 2112.4 ... 2152.6MHz
-
2.0
2.3
dB
Amplitude ripple (p-p)
∆α
W-CDMA
1)
@fCarrier 2112.4 ... 2152.6MHz
-
0.2
0.5
dB
Input VSWR (Ant port)
2110.0
... 2155.0MHz
-
1.3
2.0
Output VSWR (Rx port)
2110.0
... 2155.0MHz
-
1.4
2.0
CMRR (|S32-S42|/|S32+S42|)
2110.0
... 2155.0MHz
222)
2) A combination of 10 ˚ phase balance and 1 dB amplitude balance corresponds to 19.6 dB CMRR
25
-
dB
IMD product level limits3)
at fTX=1732.5 MHz, fRX= 2132.5 MHz
3) IMD product level limits for power levels P
TX=21.5 dBm (antenna port output power) and
PBlocker=-15dBm (antenna port input power)
Blocker 1
400.0MHz
-130
dBm
Blocker 2
1332.5MHz
-107
dBm
Blocker 3
3865.0MHz
-117
dBm
Blocker 4
5597.5MHz
-130
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com