Electronic Components Datasheet Search
  English  ▼

X  

B7959 Datasheet(PDF) 9 Page - EPCOS

Part # B7959
Description  SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7959 Datasheet(HTML) 9 Page - EPCOS

Back Button B7959 Datasheet HTML 5Page - EPCOS B7959 Datasheet HTML 6Page - EPCOS B7959 Datasheet HTML 7Page - EPCOS B7959 Datasheet HTML 8Page - EPCOS B7959 Datasheet HTML 9Page - EPCOS B7959 Datasheet HTML 10Page - EPCOS B7959 Datasheet HTML 11Page - EPCOS B7959 Datasheet HTML 12Page - EPCOS B7959 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
February 11, 2011
B7959
1732.5 / 2132.5 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Annotation for characteristics section
Attenuation of W-CDMA signal (Power Transfer Function,
α
W-CDMA) is determined by
with fCarrier according to 3GPP TS 25.101 (e.g. for UMTS pass band, fCarrier ranges from 882.4 MHz
(lowest Tx channel) to 912.6 MHz (highest Tx channel)). Here, HRRC(f) is the transfer function of the
root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the following nor-
malization:
S
s
d21 f
()H
RRC ff Carrier
–
()
2
f
d
∞
–
∞
∫
H
RRC f
()
2
f1
=
d
∞
–
∞
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com