Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9601 Datasheet HTML 1Page - NXP Semiconductors PCA9601 Datasheet HTML 2Page - NXP Semiconductors PCA9601 Datasheet HTML 3Page - NXP Semiconductors PCA9601 Datasheet HTML 4Page - NXP Semiconductors PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
3 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
(MSOP8)
PCA9601D
SX
VCC
RX
SY
TX
RY
GND
TY
002aae874
1
2
3
4
6
5
8
7
PCA9601DP
SX
VCC
RX
SY
TX
RY
GND
TY
002aae875
1
2
3
4
6
5
8
7
Table 3.
Pin description
Symbol
Pin
Description
SX
1
I2C-bus (SDA or SCL)
RX
2
receive signal
TX
3
transmit signal
GND
4
negative supply voltage
TY
5
transmit signal
RY
6
receive signal
SY
7
I2C-bus (SDA or SCL)
VCC
8
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com