Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9601 Datasheet HTML 3Page - NXP Semiconductors PCA9601 Datasheet HTML 4Page - NXP Semiconductors PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors PCA9601 Datasheet HTML 10Page - NXP Semiconductors PCA9601 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
7 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
• When the operating temperature range is restricted at both limits. An I2C driver's
typical output is well below 0.4 V and the P82B96 typically requires 0.6 V input even
at +60
°C, so there is a reasonable margin. The PCA9601/PCA9600 requires a typical
input low of 0.5 V so its typical margin is smaller. At 0
°C the driver requires a typical
input low of 1.16 V and P82B96 provides 0.75 V, so again the typical margin is
already quite big and even though PCA9601/PCA9600 is better, providing 0.7 V, that
difference is not big.
8.
Limiting values
[1]
See also Section 10.2 “Negative undershoot below absolute minimum value”.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages with respect to pin GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
VCC to GND
−0.3
+18
V
VI2C-bus
I2C-bus voltage
SX and SY;
I2C-bus SDA or SCL
−0.3
+18
V
VO
output voltage
TX and TY;
buffered output
[1]
−0.3
+18
V
VI
input voltage
RX and RY;
receive input
[1]
−0.3
+18
V
II2C-bus
I2C-bus current
SX and SY;
I2C-bus SDA or SCL
-
250
mA
Ptot
total power dissipation
-
300
mW
Tj
junction temperature
operating range
−40
+125
°C
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com