Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors PCA9601 Datasheet HTML 10Page - NXP Semiconductors PCA9601 Datasheet HTML 11Page - NXP Semiconductors PCA9601 Datasheet HTML 12Page - NXP Semiconductors PCA9601 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
9 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
Output logic LOW level
Pins SX and SY
VOL
LOW-level output voltage
on Standard-mode or Fast-mode
I2C-bus
ISX =ISY = 3 mA; Figure 6
-
0.7
0.74
V
ISX =ISY = 0.3 mA; Figure 5
-
0.6
0.65
V
on 5 V Fm+ I2C-bus
ISX =ISY = 15 mA;
Tamb =0 °Cto85 °C
-0.85
1
V
ΔV/ΔT
voltage variation with
temperature
ISX =ISY = 0.3mAto3mA
-
0
-
%/K
Input logic switching threshold voltages
Pins SX and SY
VIL
LOW-level input voltage
on normal I2C-bus; Figure 7
[3] --
425
mV
Vth(IH)
HIGH-level input threshold
voltage
on normal I2C-bus; Figure 8
580
-
-
mV
ΔV/ΔT
voltage variation with
temperature
-0
-%/K
Pins RX and RY
VIH
HIGH-level input voltage
fraction of applied VCC
0.55VCC --
V
Vth(i)
input threshold voltage
fraction of applied VCC
-
0.48VCC -V
VIL
LOW-level input voltage
fraction of applied VCC
-
-
0.4VCC
V
Logic level threshold difference
ΔV
voltage difference
SX and SY; SX output LOW at
0.3 mA to SX input HIGH maximum
[4] 50
-
-
mV
Bus release on VCC failure
VCC
supply voltage
SX, SY, TX and TY; voltage at which
all buses are to be released at 25
°C
--
1
V
ΔV/ΔT
voltage variation with
temperature
Figure 9
-
−4-
%/K
Table 6.
Characteristics …continued
Tamb = −40 °C to +85 °C unless otherwise specified; voltages are specified with respect to GND with VCC = 2.5 V to 15 V
unless otherwise specified. Typical values are measured at VCC = 5 V and Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com