Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9601 Datasheet HTML 1Page - NXP Semiconductors PCA9601 Datasheet HTML 2Page - NXP Semiconductors PCA9601 Datasheet HTML 3Page - NXP Semiconductors PCA9601 Datasheet HTML 4Page - NXP Semiconductors PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
4 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9601”.
The PCA9601 has two identical buffers allowing buffering of SDA and SCL I2C-bus
signals. Each buffer is made up of two logic signal paths, a forward path from the I2C-bus
interface, pins SX and SY which drive the buffered bus, and a reverse signal path from the
buffered bus input, pins RX and RY to drive the I2C-bus interface. These paths:
• sense the voltage state of I2C-bus pins SX (and SY) and transmit this state to pin TX
(and TY respectively), and
• sense the state of pins RX and RY and pull the I2C-bus pin LOW whenever pin RX or
pin RY is LOW.
The rest of this discussion will address only the ‘X’ side of the buffer; the ‘Y’ side is
identical.
7.1 Static level offset card side
The I2C-bus pin SX is specified to allow interfacing with Fast-mode, Fm+ and TTL-based
systems.
The logic threshold voltage levels at SX on this I2C-bus are independent of the IC supply
voltage VCC. The maximum I2C-bus supply voltage is 15 V.
7.1.1 Fast-mode operation
When interfacing with Fast-mode systems, the SX pin is guaranteed to sink the normal
3 mA with a VOL of 0.74 V maximum. That guarantees compliance with the Fast-mode
I2C-bus specification for all I2C-bus voltages greater than 3 V, as well as compliance with
SMBus or other systems that use TTL switching levels.
SX is guaranteed to sink an external 3 mA in addition to its internally sourced pull-up of
typically 300
μA (maximum 1 mA at −40 °C). When selecting the pull-up for the bus at SX,
the sink capability of other connected drivers should be taken into account. Most TTL
devices are specified to sink at least 4 mA so then the pull-up is limited to 3 mA by the
requirement to ensure the 0.8 V TTL LOW.
For Fast-mode I2C-bus operation, the other connected I2C-bus parts may have the
minimum sink capability of 3 mA. SX sources typically 300
μA (maximum 1 mA at −40 °C),
which forms part of the external driver loading. When selecting the pull-up it is necessary
to subtract the SX pin pull-up current, so, worst-case at
−40 °C, the allowed pull-up can be
limited (by external drivers) to 2 mA.
7.1.2 Fast-mode Plus operation
When the interface at SX is an Fm+ bus with a voltage greater than 4 V, its higher
specified sink capability may be used. PCA9601 has a guaranteed sink capability of
15 mA at VOL = 1 V maximum over 0 °C to 85 °C. That 1 V complies with the bus LOW
requirement (0.25Vbus) of any Fm+ bus operating at 4 V or greater. Since the other
connected Fm+ devices have a drive capability greater than 20 mA, the pull-up may be
selected for 15 mA sink current at VOL = 1 V. For a nominal 5 V bus (5.5 V maximum) the
allowed pull-up is (5.5 V
− 1 V) / 15 mA = 300 Ω. With 300 Ω pull-up, the Fm+ rise time of
120 ns maximum can be met with total bus loading up to 470 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com