Electronic Components Datasheet Search
  English  ▼

X  

PCA9601 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9601
Description  Dual bidirectional bus buffer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9601 Datasheet HTML 1Page - NXP Semiconductors PCA9601 Datasheet HTML 2Page - NXP Semiconductors PCA9601 Datasheet HTML 3Page - NXP Semiconductors PCA9601 Datasheet HTML 4Page - NXP Semiconductors PCA9601 Datasheet HTML 5Page - NXP Semiconductors PCA9601 Datasheet HTML 6Page - NXP Semiconductors PCA9601 Datasheet HTML 7Page - NXP Semiconductors PCA9601 Datasheet HTML 8Page - NXP Semiconductors PCA9601 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 6 May 2011
5 of 32
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
7.2 High drive, long distance side
The logic level on RX is determined from the power supply voltage VCC of the chip. Logic
LOW is below 40 % of VCC, and logic HIGH is above 55 % of VCC (with a typical switching
threshold just slightly below half VCC).
TX is an open-collector output without ESD protection diodes to VCC. It may be connected
via a pull-up resistor to a supply voltage in excess of VCC, as long as the 15 V rating is not
exceeded. It has a larger current sinking capability than a normal I2C-bus device, being
able to sink a static current of greater than 30 mA, and typical 100 mA dynamic pull-down
capability as well.
A logic LOW is transmitted to TX when the voltage at I2C-bus pin SX is below 0.425 V. A
logic LOW at RX will cause I2C-bus pin SX to be pulled to a logic LOW level in accordance
with I2C-bus requirements (maximum 1.5 V in 5 V applications) but not low enough to be
looped back to the TX output and cause the buffer to latch LOW.
The LOW level this chip can achieve on the I2C-bus by a LOW at RX is typically 0.64 V
when sinking 1 mA.
If the supply voltage VCC fails, then neither the I2C-bus nor the TX output will be held
LOW. Their open-collector configuration allows them to be pulled up to the rated
maximum of 15 V even without VCC present. The input configuration on SX and RX also
presents no loading of external signals when VCC is not present.
The effective input capacitance of any signal pin, measured by its effect on bus rise times,
is less than 10 pF for all bus voltages and supply voltages including VCC =0V.
7.3 Connections to other bus buffers
Two or more SX or SY I/Os must not be interconnected. The PCA9601 design does not
support this configuration. Bidirectional I2C-bus signals do not allow any direction control
pin so, instead, slightly different logic LOW voltage levels are used at SX/SY to avoid
latching of this buffer. A ‘regular I2C-bus LOW’ applied at the RX/RY of a PCA9601 will be
propagated to SX/SY as a ‘buffered LOW’ with a slightly higher voltage level. If this special
‘buffered LOW’ is applied to the SX/SY of another PCA9601, that second PCA9601 will
not recognize it as a ‘regular I2C-bus LOW’ and will not propagate it to its TX/TY output.
The SX/SY side of PCA9601 may not be connected to similar buffers that rely on special
logic thresholds for their operation, for example P82B96, PCA9511A, PCA9515A, ‘B’ side
of PCA9517, etc. The SX/SY side is only intended for, and compatible with, the normal
I2C-bus logic voltage levels of I2C-bus master and slave chips, or even TX/RX signals of a
second PCA9601 or P82B96 if required. The TX/RX and TY/RY I/O pins use the standard
I2C-bus logic voltage levels of all I2C-bus parts. There are no restrictions on the
interconnection of the TX/RX and TY/RY I/O pins to other PCA9601s, for example in a
star or multipoint configuration with the TX/RX and TY/RY I/O pins on the common bus
and the SX/SY side connected to the line card slave devices. For more details see
Application Note AN10658, “Sending I2C-bus signals via long communication cables”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com