Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel, 12-bit PWM Fm I2C-bus LED controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9685 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9685 Datasheet HTML 1Page - NXP Semiconductors PCA9685 Datasheet HTML 2Page - NXP Semiconductors PCA9685 Datasheet HTML 3Page - NXP Semiconductors PCA9685 Datasheet HTML 4Page - NXP Semiconductors PCA9685 Datasheet HTML 5Page - NXP Semiconductors PCA9685 Datasheet HTML 6Page - NXP Semiconductors PCA9685 Datasheet HTML 7Page - NXP Semiconductors PCA9685 Datasheet HTML 8Page - NXP Semiconductors PCA9685 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 2 September 2010
2 of 51
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
The active LOW Output Enable input pin (OE) allows asynchronous control of the LED
outputs and can be used to set all the outputs to a defined I2C-bus programmable logic
state. The OE can also be used to externally ‘pulse width modulate’ the outputs, which is
useful when multiple devices need to be dimmed or blinked together using software
control.
Software programmable LED All Call and three Sub Call I2C-bus addresses allow all or
defined groups of PCA9685 devices to respond to a common I2C-bus address, allowing
for example, all red LEDs to be turned on or off at the same time or marquee chasing
effect, thus minimizing I2C-bus commands. Six hardware address pins allow up to
62 devices on the same bus.
The Software Reset (SWRST) General Call allows the master to perform a reset of the
PCA9685 through the I2C-bus, identical to the Power-On Reset (POR) that initializes the
registers to their default state causing the outputs to be set LOW. This allows an easy and
quick way to reconfigure all device registers to the same condition via software.
2.
Features and benefits
16 LED drivers. Each output programmable at:
Off
On
Programmable LED brightness
Programmable LED turn-on time to help reduce EMI
1 MHz Fast-mode Plus compatible I2C-bus interface with 30 mA high drive capability
on SDA output for driving high capacitive buses
4096-step (12-bit) linear programmable brightness per LED output varying from fully
off (default) to maximum brightness
LED output frequency (all LEDs) typically varies from 40 Hz to 1000 Hz (Default of 1Eh
in PRE_SCALE register results in a 200 Hz refresh rate with oscillator clock of
25 MHz.)
Sixteen totem pole outputs (sink 25 mA and source 10 mA at 5 V) with software
programmable open-drain LED outputs selection (default at totem pole). No input
function.
Output state change programmable on the Acknowledge or the STOP Command to
update outputs byte-by-byte or all at the same time (default to ‘Change on STOP’).
Active LOW Output Enable (OE) input pin. LEDn outputs programmable to logic 1,
logic 0 (default at power-up) or ‘high-impedance’ when OE is HIGH.
6 hardware address pins allow 62 PCA9685 devices to be connected to the same
I2C-bus
Toggling OE allows for hardware LED blinking
4 software programmable I2C-bus addresses (one LED All Call address and three LED
Sub Call addresses) allow groups of devices to be addressed at the same time in any
combination (for example, one register used for ‘All Call’ so that all the PCA9685s on
the I2C-bus can be addressed at the same time and the second register used for three
different addresses so that 1
⁄
3 of all devices on the bus can be addressed at the same
time in a group). Software enable and disable for these I2C-bus address.
Software Reset feature (SWRST General Call) allows the device to be reset through
the I2C-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com