Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel, 12-bit PWM Fm I2C-bus LED controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9685 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 9Page - NXP Semiconductors PCA9685 Datasheet HTML 10Page - NXP Semiconductors PCA9685 Datasheet HTML 11Page - NXP Semiconductors PCA9685 Datasheet HTML 12Page - NXP Semiconductors PCA9685 Datasheet HTML 13Page - NXP Semiconductors PCA9685 Datasheet HTML 14Page - NXP Semiconductors PCA9685 Datasheet HTML 15Page - NXP Semiconductors PCA9685 Datasheet HTML 16Page - NXP Semiconductors PCA9685 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 2 September 2010
13 of 51
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
7.3.1 Mode register 1, MODE1
[1]
When the Auto Increment flag is set, AI = 1, the Control register is automatically incremented after a read or write. This allows the user
to program the registers sequentially.
[2]
It takes 500
μs max. for the oscillator to be up and running once SLEEP bit has been set to logic 0. Timings on LEDn outputs are not
guaranteed if PWM control registers are accessed within the 500
μs window. There is no start-up delay required when using the
EXTCLK pin as the PWM clock.
[3]
No PWM control is possible when the oscillator is off.
[4]
When the oscillator is off (Sleep mode) the LEDn outputs cannot be turned on, off or dimmed/blinked.
Table 4.
MODE1 - Mode register 1 (address 00h) bit description
Legend: * default value.
Bit
Symbol
Access
Value
Description
7
RESTART
R
Shows state of RESTART logic. See Section 7.3.1.1 for detail.
W
User writes logic 1 to this bit to clear it to logic 0. A user write of logic 0 will have no
effect. See Section 7.3.1.1 for detail.
0*
Restart disabled.
1
Restart enabled.
6
EXTCLK
R/W
To use the EXTCLK pin, this bit must be set by the following sequence:
1. Set the SLEEP bit in MODE1. This turns off the internal oscillator.
2. Write logic 1s to both the SLEEP and EXTCLK bits in MODE1. The switch is
now made. The external clock can be active during the switch because the
SLEEP bit is set.
This bit is a ‘sticky bit’, that is, it cannot be cleared by writing a logic 0 to it. The
EXTCLK bit can only be cleared by a power cycle or software reset.
EXTCLK range is DC to 50 MHz.
0*
Use internal clock.
1
Use EXTCLK pin clock.
5
AI
R/W
0*
Register Auto-Increment disabled[1].
1
Register Auto-Increment enabled.
4
SLEEP
R/W
0
Normal mode[2].
1*
Low power mode. Oscillator off[3][4].
3
SUB1
R/W
0*
PCA9685 does not respond to I2C-bus subaddress 1.
1
PCA9685 responds to I2C-bus subaddress 1.
2
SUB2
R/W
0*
PCA9685 does not respond to I2C-bus subaddress 2.
1
PCA9685 responds to I2C-bus subaddress 2.
1
SUB3
R/W
0*
PCA9685 does not respond to I2C-bus subaddress 3.
1
PCA9685 responds to I2C-bus subaddress 3.
0
ALLCALL
R/W
0
PCA9685 does not respond to LED All Call I2C-bus address.
1*
PCA9685 responds to LED All Call I2C-bus address.
refresh_rate
EXTCLK
4096
prescale
1
+
()
×
-------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com