Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel, 12-bit PWM Fm I2C-bus LED controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9685 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9685 Datasheet HTML 1Page - NXP Semiconductors PCA9685 Datasheet HTML 2Page - NXP Semiconductors PCA9685 Datasheet HTML 3Page - NXP Semiconductors PCA9685 Datasheet HTML 4Page - NXP Semiconductors PCA9685 Datasheet HTML 5Page - NXP Semiconductors PCA9685 Datasheet HTML 6Page - NXP Semiconductors PCA9685 Datasheet HTML 7Page - NXP Semiconductors PCA9685 Datasheet HTML 8Page - NXP Semiconductors PCA9685 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 2 September 2010
3 of 51
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
25 MHz typical internal oscillator requires no external components
External 50 MHz (max.) clock input
Internal power-on reset
Noise filter on SDA/SCL inputs
Edge rate control on outputs
No output glitches on power-up
Supports hot insertion
Low standby current
Operating power supply voltage range of 2.3 V to 5.5 V
5.5 V tolerant inputs
−40 °C to +85 °C operation
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: TSSOP28, HVQFN28
3.
Applications
RGB or RGBA LED drivers
LED status information
LED displays
LCD backlights
Keypad backlights for cellular phones or handheld devices
4.
Ordering information
[1]
PCA9685PW/Q900 is AEC-Q100 compliant. Contact i2c.support@nxp.com for PPAP.
Table 1.
Ordering information
Type number
Topside mark
Package
Name
Description
Version
PCA9685PW
PCA9685PW
TSSOP28
plastic thin shrink small outline package;
28 leads; body width 4.4 mm
SOT361-1
PCA9685PW/Q900[1]
PCA9685PW
TSSOP28
plastic thin shrink small outline package;
28 leads; body width 4.4 mm
SOT361-1
PCA9685BS
P9685
HVQFN28
plastic thermal enhanced very thin quad flat
package; no leads; 28 terminals;
body 6
× 6 × 0.85 mm
SOT788-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com