Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel, 12-bit PWM Fm I2C-bus LED controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9685 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 17Page - NXP Semiconductors PCA9685 Datasheet HTML 18Page - NXP Semiconductors PCA9685 Datasheet HTML 19Page - NXP Semiconductors PCA9685 Datasheet HTML 20Page - NXP Semiconductors PCA9685 Datasheet HTML 21Page - NXP Semiconductors PCA9685 Datasheet HTML 22Page - NXP Semiconductors PCA9685 Datasheet HTML 23Page - NXP Semiconductors PCA9685 Datasheet HTML 24Page - NXP Semiconductors PCA9685 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 2 September 2010
21 of 51
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
18h
LED4_OFF_L
7:0
LED4_OFF_L[7:0]
R/W
0000 0000*
LEDn_OFF count for LED4, 8 LSBs
19h
LED4_OFF_H
7:5
reserved
R
000*
non-writable
4
LED4_OFF_H[4]
R/W
1*
LED4 full OFF
3:0
LED4_OFF_H[3:0]
R/W
0000*
LEDn_OFF count for LED4, 4 MSBs
1Ah
LED5_ON_L
7:0
LED5_ON_L[7:0]
R/W
0000 0000*
LEDn_ON count for LED5, 8 LSBs
1Bh
LED5_ON_H
7:5
reserved
R
000*
non-writable
4
LED5_ON_H[4]
R/W
0*
LED5 full ON
3:0
LED5_ON_H[3:0]
R/W
0000*
LEDn_ON count for LED5, 4 MSBs
1Ch
LED5_OFF_L
7:0
LED5_OFF_L[7:0]
R/W
0000 0000*
LEDn_OFF count for LED5, 8 LSBs
1Dh
LED5_OFF_H
7:5
reserved
R
000*
non-writable
4
LED5_OFF_H[4]
R/W
1*
LED5 full OFF
3:0
LED5_OFF_H[3:0]
R/W
0000*
LEDn_OFF count for LED5, 4 MSBs
1Eh
LED6_ON_L
7:0
LED6_ON_L[7:0]
R/W
0000 0000*
LEDn_ON count for LED6, 8 LSBs
1Fh
LED6_ON_H
7:5
reserved
R
000*
non-writable
4
LED6_ON_H[4]
R/W
0*
LED6 full ON
3:0
LED6_ON_H[3:0]
R/W
0000*
LEDn_ON count for LED6, 4 MSBs
20h
LED6_OFF_L
7:0
LED6_OFF_L[7:0]
R/W
0000 0000*
LEDn_OFF count for LED6, 8 LSBs
21h
LED6_OFF_H
7:5
reserved
R
000*
non-writable
4
LED6_OFF_H[4]
R/W
1*
LED6 full OFF
3:0
LED6_OFF_H[3:0]
R/W
0000*
LEDn_OFF count for LED6, 4 MSBs
22h
LED7_ON_L
7:0
LED7_ON_L[7:0]
R/W
0000 0000*
LEDn_ON count for LED7, 8 LSBs
23h
LED7_ON_H
7:5
reserved
R
000*
non-writable
4
LED7_ON_H[4]
R/W
0*
LED7 full ON
3:0
LED7_ON_H[3:0]
R/W
0000*
LEDn_ON count for LED7, 4 MSBs
24h
LED7_OFF_L
7:0
LED7_OFF_L[7:0]
R/W
0000 0000*
LEDn_OFF count for LED7, 8 LSBs
25h
LED7_OFF_H
7:5
reserved
R
000*
non-writable
4
LED7_OFF_H[4]
R/W
1*
LED7 full OFF
3:0
LED7_OFF_H[3:0]
R/W
0000*
LEDn_OFF count for LED7, 4 MSBs
26h
LED8_ON_L
7:0
LED8_ON_L[7:0]
R/W
0000 0000*
LEDn_ON count for LED8, 8 LSBs
27h
LED8_ON_H
7:5
reserved
R
000*
non-writable
4
LED8_ON_H[4]
R/W
0*
LED8 full ON
3:0
LED8_ON_H[3:0]
R/W
0000*
LEDn_ON count for LED8, 4 MSBs
28h
LED8_OFF_L
7:0
LED8_OFF_L[7:0]
R/W
0000 0000*
LEDn_OFF count for LED8, 8 LSBs
29h
LED8_OFF_H
7:5
reserved
R
000*
non-writable
4
LED8_OFF_H[4]
R/W
1*
LED8 full OFF
3:0
LED8_OFF_H[3:0]
R/W
0000*
LEDn_OFF count for LED8, 4 MSBs
Table 6.
LED_ON, LED_OFF control registers (address 06h to 45h) bit description …continued
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com