Electronic Components Datasheet Search
  English  ▼

X  

PCA9685 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCA9685
Description  16-channel, 12-bit PWM Fm I2C-bus LED controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9685 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCA9685 Datasheet HTML 32Page - NXP Semiconductors PCA9685 Datasheet HTML 33Page - NXP Semiconductors PCA9685 Datasheet HTML 34Page - NXP Semiconductors PCA9685 Datasheet HTML 35Page - NXP Semiconductors PCA9685 Datasheet HTML 36Page - NXP Semiconductors PCA9685 Datasheet HTML 37Page - NXP Semiconductors PCA9685 Datasheet HTML 38Page - NXP Semiconductors PCA9685 Datasheet HTML 39Page - NXP Semiconductors PCA9685 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
PCA9685
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 2 September 2010
36 of 51
NXP Semiconductors
PCA9685
16-channel, 12-bit PWM Fm+ I2C-bus LED controller
I2C-bus address = 1010 101x.
Remark: Set INVRT = 0, OUTDRV = 1, OUTNE = 01 (MODE2 register bits) for this configuration.
(1) Resistor value should be chosen by referencing Section 7 of UM10204, “I2C-bus specification and
user manual”.
(2) OE requires pull-up resistor if control signal from the master is open-drain.
Fig 27. LCD backlighting application
PCA9685
LED0
LED1
SDA
SCL
OE
VDD = 2.5 V, 3.3 V or 5.0 V
ASIC/MICRO
002aac828
SDA
SCL
(1)
OE
(1)
LED2
LED3
A0
A1
A2
VDD
A3
A4
A5
VSS
10 k
Ω(2)
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
LED12
LED13
LED14
LED15
CONSTANT
CURRENT
SWITCH MODE
REGULATOR
FB
OUT
VIN
Iconstant
LIGHT
SENSOR
LED supply
Rsense
LED
string
EXTCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com