Electronic Components Datasheet Search
  English  ▼

X  

SC1154 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1154
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1154 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1154 Datasheet HTML 1Page - Semtech Corporation SC1154 Datasheet HTML 2Page - Semtech Corporation SC1154 Datasheet HTML 3Page - Semtech Corporation SC1154 Datasheet HTML 4Page - Semtech Corporation SC1154 Datasheet HTML 5Page - Semtech Corporation SC1154 Datasheet HTML 6Page - Semtech Corporation SC1154 Datasheet HTML 7Page - Semtech Corporation SC1154 Datasheet HTML 8Page - Semtech Corporation SC1154 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC1154
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - March 1, 2000
5
ELECTRICAL CHARACTERISTICS (cont.)
Unless specified: 0 < T
J < 125°C, VIN = 12V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SOFT START
Charge Current
I
CHG
V
SS = 0.5V, resistance from
VREFB pin to AGND = 20k
Ω,
V
REFB = 1.3V
Note: I
CHG = (IVREFB / 5)
10.4
13
15.6
µA
Discharge Current
Idischg
V
(S/S) = 1V
1
mA
INHIBIT COMPARATOR
Start Threshold
Vstart
INH
12.0
2.4
V
VIN12V UVLO
Start Threshold
Vstart
UVLO
9.25
10
10.75
V
Hysteresis
Vhys
UVLO
1.8
2
2.2
V
HYSTERETIC COMPARATOR
Input Offset Voltage
Vos
HYSCMP
V
DROOP pin grounded
5
mV
Input Bias Current
Ibias
HYSCMP
1µA
Hysteresis Accuracy
V
HYS_ACC
7mV
Hysteresis Setting
V
HYS_SET
60
mV
DROOP COMPENSATION
Initial Accuracy
V
DROOP_ACC
V
DROOP = 50mV
5
mV
OVERCURRENT PROTECTION
OCP Trip Point
V
OCP
0.09
0.1
0.11
V
Input Bias Current
Ibias
OCP
100
nA
HIGH-SIDE VDS SENSING
Gain
2V/V
Initial Accuracy
V
IOUT_ACC
V
HISENSE = 12V, VIOUTLO = 11.9V
6
mV
IOUT Source
Isource
IOUT
V
IOUT = 0.5V, VHISENSE = 12V,
V
IOUTLO = 11.5V
500
µA
IOUT Sink Current
Isink
IOUT
V
IOUT = 0.05V, VHISENSE = 12V,
V
IOUTLO = 12V
40
50
µA
Output Voltage Swing
V
HISENSE = 11V,
R
IOUT = 10k0hm
03.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com