Electronic Components Datasheet Search
  English  ▼

X  

SC1154 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1154
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1154 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1154 Datasheet HTML 4Page - Semtech Corporation SC1154 Datasheet HTML 5Page - Semtech Corporation SC1154 Datasheet HTML 6Page - Semtech Corporation SC1154 Datasheet HTML 7Page - Semtech Corporation SC1154 Datasheet HTML 8Page - Semtech Corporation SC1154 Datasheet HTML 9Page - Semtech Corporation SC1154 Datasheet HTML 10Page - Semtech Corporation SC1154 Datasheet HTML 11Page - Semtech Corporation SC1154 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SC1154
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - March 1, 2000
8
ELECTRICAL CHARACTERISTICS (cont.)
Unless specified: 0 < T
J < 125° C, VIN12V = 12V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-SIDE Vds SENSING
(1)
Response Time
t
VDSRESP
V
HISENSE = 12v,
V
IOUTLO
pulsed from 12v to 11.9v,
100ns rise and fall times
2µs
V
HISENSE = 4.5v,
V
IOUTLO
pulsed from 4.5v to 4.4v,
100ns rise and fall times
3µs
V
HISENSE = 3v,
V
IOUTLO
pulsed from 3.0v to 2.9v,
100ns rise and fall times
3µs
Short Circuit Protection
Rising Edge Delay
t
VDSRED
LOSENSE grounded
300
500
ns
Sample/Hold Switch turn-
on/turn-off Delay
t
SWXDLY
3v < V
HISENSE < 11v
V
LOSENSE = VHISENSE
30
100
ns
POWER GOOD
Comparator Propagation
Delay
t
PWRGD
1µs
SOFTSTART
Comparator Propagation
Delay
t
SLST
overdrive = 10mv
560
900
ns
DEADTIME
Driver Nonoverlap Time
t
NUL
30
100
ns
Note 1: Guaranteed, but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com