Electronic Components Datasheet Search
  English  ▼

X  

SC1154 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1154
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1154 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1154 Datasheet HTML 6Page - Semtech Corporation SC1154 Datasheet HTML 7Page - Semtech Corporation SC1154 Datasheet HTML 8Page - Semtech Corporation SC1154 Datasheet HTML 9Page - Semtech Corporation SC1154 Datasheet HTML 10Page - Semtech Corporation SC1154 Datasheet HTML 11Page - Semtech Corporation SC1154 Datasheet HTML 12Page - Semtech Corporation SC1154 Datasheet HTML 13Page - Semtech Corporation SC1154 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SC1154
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - March 1, 2000
10
NOTE:
(1) If the VID bits are set to 11111, then the high-side and the low-side driver outputs will be set low, and the con-
troller will be set to a low-Iq state.
OUTPUT VOLTAGE TABLE
0 = GND; 1 = Floating or +5V pull-up
VID4
VID3
VID2
VID1
VID0
VDC
(V)
0
1
1
1
1
1.30
0
1
1
1
0
1.35
0
1
1
0
1
1.40
0
1
1
0
0
1.45
0
1
0
1
1
1.50
0
1
0
1
0
1.55
0
1
0
0
1
1.60
0
1
0
0
0
1.65
0
0
1
1
1
1.70
0
0
1
1
0
1.75
0
0
1
0
1
1.80
0
0
1
0
0
1.85
0
0
0
1
1
1.90
0
0
0
1
0
1.95
0
0
0
0
1
2.00
0
0
0
0
0
2.05
1
1
1
1
1
NO CPU
1
1
1
1
0
2.10
1
1
1
0
1
2.20
1
1
1
0
0
2.30
1
1
0
1
1
2.40
1
1
0
1
0
2.50
1
1
0
0
1
2.60
1
1
0
0
0
2.70
1
0
1
1
1
2.80
1
0
1
1
0
2.90
1
0
1
0
1
3.00
1
0
1
0
0
3.10
1
0
0
1
1
3.20
1
0
0
1
0
3.30
1
0
0
0
1
3.40
1
0
0
0
0
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com