Electronic Components Datasheet Search
  English  ▼

X  

SC1154 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1154
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1154 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1154 Datasheet HTML 2Page - Semtech Corporation SC1154 Datasheet HTML 3Page - Semtech Corporation SC1154 Datasheet HTML 4Page - Semtech Corporation SC1154 Datasheet HTML 5Page - Semtech Corporation SC1154 Datasheet HTML 6Page - Semtech Corporation SC1154 Datasheet HTML 7Page - Semtech Corporation SC1154 Datasheet HTML 8Page - Semtech Corporation SC1154 Datasheet HTML 9Page - Semtech Corporation SC1154 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SC1154
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - March 1, 2000
6
ELECTRICAL CHARACTERISTICS (cont.)
Unless specified: 0 < T
J < 125°C, VIN12V = 12V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-SIDE VDS SENSING (cont.)
V
HISENSE = 4.5V,
R
IOUT = 10kOhm
02.0
V
V
HISENSE = 3V, RIOUT = 10kOhm
0
1.0
V
LOSENSE High Level Input
Voltage
Vih
LOSENSE
V
HISENSE = 4.5V (Note 1)
2.85
V
LOSENSE Low Level Input
Voltage
Vil
LOSENSE
V
HISENSE = 4.5V (Note 1)
1.8
V
Sample/Hold Resistance
R
S/H
4.5V < = 13V
50
65
80
Ω
BUFFERED REFERENCE
VREFB Load Regulation
Vldreg
REFB
10µA < I
REFB < 500µA
2
mV
DEADTIME CIRCUIT
LOHIB High Level Voltage
Vih
LOHIB
2V
LOHIB Low Level Input
Voltage
Vil
LOHIB
1.0
V
LOWDR High Level Input
Voltage
Vih
LOWDR
(Note 1)
2
V
LOWDR Low Level Input
Voltage
Vil
LOWDR
(Note 1)
1.0
V
DRIVE REGULATOR
Output Voltage
V
DRV
11.4 < VIN12V < 12.6V,
I
DRV = 50mA
79
V
Load Regulation
Vldreg
DRV
1mA < I
DRV < 50mA
100
mV
Short Circuit Current
Ishort
DRV
100
mA
HIGH-SIDE OUTPUT DRIVER
Peak Output Current
Isrc
HIGHDR’
Isink
HIGHDR
duty cycle < 2%, tpw < 100us,
T
J = 125°C
V
BOOT - VBOOTLO = 6.5V, VHIGHDR
= 1.5V (src), or V
HIGHDR = 5V
(sink) (Note 1)
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com