Electronic Components Datasheet Search
  English  ▼

X  

SC1154 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1154
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1154 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1154 Datasheet HTML 3Page - Semtech Corporation SC1154 Datasheet HTML 4Page - Semtech Corporation SC1154 Datasheet HTML 5Page - Semtech Corporation SC1154 Datasheet HTML 6Page - Semtech Corporation SC1154 Datasheet HTML 7Page - Semtech Corporation SC1154 Datasheet HTML 8Page - Semtech Corporation SC1154 Datasheet HTML 9Page - Semtech Corporation SC1154 Datasheet HTML 10Page - Semtech Corporation SC1154 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC1154
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
FOR ADVANCED PROCESSORS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - March 1, 2000
7
ELECTRICAL CHARACTERISTICS (cont.)
Unless specified: 0 < T
J < 125°C, VIN12V = 12V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HIGH-SIDE OUTPUT DRIVER (cont.)
Output Resistance
Rsrc
HIGHDR’
T
J = 125°C
V
BOOT - VBOOTLO = 6.5V,
V
HIGHDR = 6V
45
Ω
Rsink
HIGHDR
T
J = 125°C
V
BOOT - VBOOTLO = 6.5V,
V
HIGHDR = 0.5V
5
LOW-SIDE OUTPUT DRIVER
Peak Outout Current
Isrc
LOWDR’
Isink
LOWDR
duty cycle < 2%, tpw < 100us,
T
J = 125°C
V
DRV = 6.5V, VLOWDR = 1.5V
(src), or V
LOWDR = 5V (sink)
(Note 1)
2
A
Output Resistance
Rsrc
LOWDR’
T
J = 125°C
V
DRV = 6.5V, VLOWDR = 6V
45
Ω
Rsink
LOWDR
T
J = 125°C
V
DRV = 6.5V, VLOWDR = 0.5V
5
HYSTERETIC COMPARATORS
(1)
Propagation Delay Time
from
VSENSE to HIGHDR or
LOWDR (excluding
deadtime)
t
HCPROP
10mV overdrive,
1.3V < Vref < 3.5V
150
250
ns
OUTPUT DRIVERS
HIGHDR rise/fall time
tr
HIGHDR
,tfHIGHDR
Cl = 9nF,
V
BOOT = 6.5v,
V
BOOTLO = grounded,
T
J = 125 °C
60
ns
LOWDR rise/fall time
tr
LOWDR ,
tf
LOWDR
Cl = 9nF,
V
DRV = 6.5v,
T
J = 125 °C
60
ns
OVERCURRENT PROTECTION
(1)
Comparator Propagation
Delay Time
t
OCPROP
1µs
Deglitch Time
t
OCDGL
13
µs
OVERVOLTAGE PROTECTION
Comparator Propagation
Delay Time
t
OVPROP
1µs
Deglitch Time
t
OVDGL
13
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com