Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 39Page - Texas Instruments TMS320F2812 Datasheet HTML 40Page - Texas Instruments TMS320F2812 Datasheet HTML 41Page - Texas Instruments TMS320F2812 Datasheet HTML 42Page - Texas Instruments TMS320F2812 Datasheet HTML 43Page - Texas Instruments TMS320F2812 Datasheet HTML 44Page - Texas Instruments TMS320F2812 Datasheet HTML 45Page - Texas Instruments TMS320F2812 Datasheet HTML 46Page - Texas Instruments TMS320F2812 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
The operation and timing of the external interface, can be controlled by the registers listed in Table 3-10.
Table 3-10. XINTF Configuration and Control Register Mappings
SIZE
NAME
ADDRESS
DESCRIPTION
(x16)
XTIMING0
0x00 0B20
2
XINTF Timing Register, Zone 0 can access as two 16-bit registers or one 32-bit register.
XTIMING1
0x00 0B22
2
XINTF Timing Register, Zone 1 can access as two 16-bit registers or one 32-bit register.
XTIMING2
0x00 0B24
2
XINTF Timing Register, Zone 2 can access as two 16-bit registers or one 32-bit register.
XTIMING6
0x00 0B2C
2
XINTF Timing Register, Zone 6 can access as two 16-bit registers or one 32-bit register.
XTIMING7
0x00 0B2E
2
XINTF Timing Register, Zone 7 can access as two 16-bit registers or one 32-bit register.
XINTCNF2
0x00 0B34
2
XINTF Configuration Register can access as two 16-bit registers or one 32-bit register.
XBANK
0x00 0B38
1
XINTF Bank Control Register
XREVISION
0x00 0B3A
1
XINTF Revision Register
3.5.1
Timing Registers
XINTF signal timing can be tuned to match specific external device requirements such as setup and hold
times to strobe signals for contention avoidance and maximizing bus efficiency. The XINTF timing
parameters can be configured individually for each zone based on the requirements of the memory or
peripheral accessed by that particular zone. This allows the programmer to maximize the efficiency of the
bus on a per-zone basis. All XINTF timing values are with respect to XTIMCLK, which is equal to or
one-half of the SYSCLKOUT rate, as shown in Figure 6-30.
For detailed information on the XINTF timing and configuration register bit fields, see the TMS320x281x
DSP External Interface (XINTF) Reference Guide (literature number SPRU067).
3.5.2
XREVISION Register
The XREVISION register contains a unique number to identify the particular version of XINTF used in the
product. For the 2812, this register will be configured as described in Table 3-11.
Table 3-11. XREVISION Register Bit Definitions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
Current XINTF Revision. For internal use/reference. Test purposes
15–0
REVISION
R
0x0004
only. Subject to change.
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
43
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com