Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 68Page - Texas Instruments TMS320F2812 Datasheet HTML 69Page - Texas Instruments TMS320F2812 Datasheet HTML 70Page - Texas Instruments TMS320F2812 Datasheet HTML 71Page - Texas Instruments TMS320F2812 Datasheet HTML 72Page - Texas Instruments TMS320F2812 Datasheet HTML 73Page - Texas Instruments TMS320F2812 Datasheet HTML 74Page - Texas Instruments TMS320F2812 Datasheet HTML 75Page - Texas Instruments TMS320F2812 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
The CAN registers listed in Table 4-6 are used by the CPU to configure and control the CAN controller
and the message objects. eCAN control registers only support 32-bit read/write operations. Mailbox RAM
can be accessed as 16 bits or 32 bits. 32-bit accesses are aligned to an even boundary.
Table 4-6. CAN Registers(1)
NAME
ADDRESS
SIZE (x32)
DESCRIPTION
CANME
0x00 6000
1
Mailbox enable
CANMD
0x00 6002
1
Mailbox direction
CANTRS
0x00 6004
1
Transmit request set
CANTRR
0x00 6006
1
Transmit request reset
CANTA
0x00 6008
1
Transmission acknowledge
CANAA
0x00 600A
1
Abort acknowledge
CANRMP
0x00 600C
1
Receive message pending
CANRML
0x00 600E
1
Receive message lost
CANRFP
0x00 6010
1
Remote frame pending
CANGAM
0x00 6012
1
Global acceptance mask
CANMC
0x00 6014
1
Master control
CANBTC
0x00 6016
1
Bit-timing configuration
CANES
0x00 6018
1
Error and status
CANTEC
0x00 601A
1
Transmit error counter
CANREC
0x00 601C
1
Receive error counter
CANGIF0
0x00 601E
1
Global interrupt flag 0
CANGIM
0x00 6020
1
Global interrupt mask
CANGIF1
0x00 6022
1
Global interrupt flag 1
CANMIM
0x00 6024
1
Mailbox interrupt mask
CANMIL
0x00 6026
1
Mailbox interrupt level
CANOPC
0x00 6028
1
Overwrite protection control
CANTIOC
0x00 602A
1
TX I/O control
CANRIOC
0x00 602C
1
RX I/O control
CANTSC
0x00 602E
1
Time stamp counter (Reserved in SCC mode)
CANTOC
0x00 6030
1
Time-out control (Reserved in SCC mode)
CANTOS
0x00 6032
1
Time-out status (Reserved in SCC mode)
(1)
These registers are mapped to Peripheral Frame 1.
72
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com