Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 62Page - Texas Instruments TMS320F2812 Datasheet HTML 63Page - Texas Instruments TMS320F2812 Datasheet HTML 64Page - Texas Instruments TMS320F2812 Datasheet HTML 65Page - Texas Instruments TMS320F2812 Datasheet HTML 66Page - Texas Instruments TMS320F2812 Datasheet HTML 67Page - Texas Instruments TMS320F2812 Datasheet HTML 68Page - Texas Instruments TMS320F2812 Datasheet HTML 69Page - Texas Instruments TMS320F2812 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 170 page
background image
ADCINA[7:0]
ADCINB[7:0]
ADCLO
ADCBGREFIN
ADC External Current Bias Resistor
ADCRESEXT
ADCREFP
V
DDA1
V
DDA2
V
SSA1
V
SSA2
AVDDREFBG
AVSSREFBG
V
DDAIO
V
SSAIO
V
DD1
V
SS1
Test Pin
ADC Reference Positive Input
ADCREFM
ADC Reference Medium Input
ADC Analog Power
ADC Reference Power
ADC Analog I/O Power
ADC Digital Power
Analog Input 0-3 V With Respect to ADCLO
Connect to Analog Ground
Analog 3.3 V
Analog 3.3 V
Analog 3.3 V
Analog 3.3 V
Analog Ground
1.8 V can use the same 1.8-V (or 1.9-V)
supply as the digital core but separate the
two with a ferrite bead or a filter
Digital Ground
ADC 16-Channel Analog Inputs
2 V
1 V
(D)
1 F - 10 F
1 F - 10 F
24.9 k
/20 k
(C)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
A.
External decoupling capacitors are recommended on all power pins.
B.
Analog inputs must be driven from an operational amplifier that does not degrade the ADC performance.
C.
Use 24.9 k
Ω for ADC clock range 1–18.75 MHz; use 20 kΩ for ADC clock range 18.75–25 MHz.
D.
It is recommended that buffered external references be provided with a voltage difference of (ADCREFP –
ADCREFM) = 1 V ± 0.1% or better.
External reference is enabled using bit 8 in the ADCTRL3 Register at ADC power up. In this mode, the accuracy of
external reference is critical for overall gain. The voltage ADCREFP – ADCREFM will determine the overall accuracy.
Do not enable internal references when external references are connected to ADCREFP and ADCREFM. See the
TMS320x281x DSP Analog-to-Digital Converter (ADC) Reference Guide (literature number SPRU060) for more
information.
Figure 4-6. ADC Pin Connections With External Reference
66
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com