Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 103Page - Texas Instruments TMS320F2812 Datasheet HTML 104Page - Texas Instruments TMS320F2812 Datasheet HTML 105Page - Texas Instruments TMS320F2812 Datasheet HTML 106Page - Texas Instruments TMS320F2812 Datasheet HTML 107Page - Texas Instruments TMS320F2812 Datasheet HTML 108Page - Texas Instruments TMS320F2812 Datasheet HTML 109Page - Texas Instruments TMS320F2812 Datasheet HTML 110Page - Texas Instruments TMS320F2812 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 170 page
background image
WAKE INT
(B)
XCLKOUT
(A)
A0-A15
t
d(WAKE-IDLE)
t
w(WAKE-INT)
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
6.16 Low-Power Mode Wakeup Timing
Table 6-12. IDLE Mode Timing Requirements
MIN
NOM
MAX
UNIT
Without input qualifier
2tc(SCO)
tw(WAKE-INT)
Pulse duration, external wake-up signal
cycles
With input qualifier
1tc(SCO) + IQT
(1)
(1)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
Table 6-13. IDLE Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delay time, external wake signal to program execution resume(1)
Without input qualifier
8tc(SCO)
•
Wake-up from Flash
cycles
–
Flash module in active state
With input qualifier
8tc(SCO) + IQT
(2)
td(WAKE-IDLE)
Without input qualifier
1050tc(SCO)
•
Wake-up from Flash
cycles
–
Flash module in sleep state
With input qualifier
1050tc(SCO) + IQT
(2)
Without input qualifier
8tc(SCO)
•
Wake-up from SARAM
cycles
With input qualifier
8tc(SCO) + IQT
(2)
(1)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered
by the wake-up) signal involves additional latency.
(2)
Input Qualification Time (IQT) = [tc(SCO) × 2 × QUALPRD] × 5 + [tc(SCO) × 2 × QUALPRD].
A.
XCLKOUT = SYSCLKOUT
B.
WAKE INT can be any enabled interrupt, WDINT, XNMI, or XRS.
Figure 6-15. IDLE Entry and Exit Timing
Copyright © 2001–2011, Texas Instruments Incorporated
Electrical Specifications
107
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com