Electronic Components Datasheet Search
  English  ▼

X  

TMS320F2812 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2812
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2812 Datasheet(HTML) 130 Page - Texas Instruments

Back Button TMS320F2812 Datasheet HTML 126Page - Texas Instruments TMS320F2812 Datasheet HTML 127Page - Texas Instruments TMS320F2812 Datasheet HTML 128Page - Texas Instruments TMS320F2812 Datasheet HTML 129Page - Texas Instruments TMS320F2812 Datasheet HTML 130Page - Texas Instruments TMS320F2812 Datasheet HTML 131Page - Texas Instruments TMS320F2812 Datasheet HTML 132Page - Texas Instruments TMS320F2812 Datasheet HTML 133Page - Texas Instruments TMS320F2812 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.24 External Interface Read Timing
Table 6-32. External Memory Interface Read Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(XCOH-XZCSL)
Delay time, XCLKOUT high to zone chip-select active-low
1
ns
td(XCOHL-XZCSH)
Delay time, XCLKOUT high/low to zone chip-select inactive-high
–2
3
ns
td(XCOH-XA)
Delay time, XCLKOUT high to address valid
2
ns
td(XCOHL-XRDL)
Delay time, XCLKOUT high/low to XRD active-low
1
ns
td(XCOHL-XRDH)
Delay time, XCLKOUT high/low to XRD inactive-high
–2
1
ns
th(XA)XZCSH
Hold time, address valid after zone chip-select inactive-high
(1)
ns
th(XA)XRD
Hold time, address valid after XRD inactive-high
(1)
ns
(1)
During inactive cycles, the XINTF address bus will always hold the last address put out on the bus. This includes alignment cycles.
Table 6-33. External Memory Interface Read Timing Requirements
MIN
MAX
UNIT
ta(A)
Access time, read data from address valid
(LR + AR) – 14(1)
ns
ta(XRD)
Access time, read data valid from XRD active-low
AR – 12(1)
ns
tsu(XD)XRD
Setup time, read data valid before XRD strobe inactive-high
12
ns
th(XD)XRD
Hold time, read data valid after XRD inactive-high
0
ns
(1)
LR = Lead period, read access. AR = Active period, read access. See Table 6-30.
130
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com