Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2401AVFS Datasheet(PDF) 45 Page - Texas Instruments

Part # TMX320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMX320LF2401AVFS Datasheet HTML 41Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 42Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 43Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 44Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 45Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 46Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 47Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 48Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL-based clock module
The 2401A has an on-chip, PLL-based clock module. This module provides all the necessary clocking signals
for the device, as well as control for low-power mode entry. The PLL has a 3-bit ratio control to select different
CPU clock rates. See Figure 17 for the PLL Clock Module Block Diagram and Table 8 for clock rates.
The PLL-based clock module provides two modes of operation:
D Crystal-operation
This mode allows the use of an external crystal/resonator to provide the time base to the device.
D External clock source operation
This mode allows the internal oscillator to be bypassed. The device clocks are generated from an external
clock source input on the XTAL1/CLKIN pin. In this case, an external oscillator clock is connected to the
XTAL1/CLKIN pin.
XTAL2
XTAL1/CLKIN
PLL
XTAL
OSC
CLKOUT
Fin
3-bit
PLL Select
(SCSR1.[11:9])
RESONATOR/
CRYSTAL
Cb1
Cb2
Figure 17. PLL Clock Module Block Diagram
Table 8. PLL Clock Selection Through Bits (11−9) in SCSR1 Register
CLK PS2
CLK PS1
CLK PS0
CLKOUT
0
0
0
4
× Fin
0
0
1
2
× Fin
0
1
0
1.33
× Fin
0
1
1
1
× Fin
1
0
0
0.8
× Fin
1
0
1
0.66
× Fin
1
1
0
0.57
× Fin
1
1
1
0.5
× Fin
Default multiplication factor after reset is (1,1,1), i.e., 0.5
× Fin.
CAUTION:
The bootloader sets the PLL to x2 or x4 option. If the bootloader is used, the value of CLKIN
used should not force CLKOUT to exceed the maximum rated device speed. See the “Boot
ROM” section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com