Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2401AVFS Datasheet(PDF) 86 Page - Texas Instruments

Part # TMX320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMX320LF2401AVFS Datasheet HTML 80Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 81Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 82Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 83Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 84Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 85Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 86Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 87Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 88Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
86
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register description (continued)
Table 16. Lx2401A DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
EVENT MANAGER (EVA) INTERRUPT CONTROL REGISTERS (CONTINUED)
0742Fh
—
—
—
—
—
T1OFINT
FLAG
T1UFINT
FLAG
T1CINT
FLAG
EVAIFRA
0742Fh
T1PINT
FLAG
—
—
—
CMP3INT
FLAG
CMP2INT
FLAG
CMP1INT
FLAG
PDPINTA
FLAG
EVAIFRA
—
—
—
—
—
—
—
—
07430h
—
—
—
—
T2OFINT
FLAG
T2UFINT
FLAG
T2CINT
FLAG
T2PINT
FLAG
EVAIFRB
—
—
—
—
—
—
—
—
07431h
—
—
—
—
—
CAP3INT
FLAG
CAP2INT
FLAG
CAP1INT
FLAG
EVAIFRC
07432h
to
074FFh
Illegal
07500h
to
0753Fh
Reserved
I/O MEMORY SPACE
0FF0Fh
—
—
—
—
—
—
—
—
FCMR
0FF0Fh
—
—
—
—
—
—
—
—
FCMR
WAIT-STATE GENERATOR CONTROL REGISTER
0FFFFh
—
—
—
—
—
BVIS.1
BVIS.0
ISWS.2
WSGR
0FFFFh
ISWS.1
ISWS.0
DSWS.2
DSWS.1
DSWS.0
PSWS.2
PSWS.1
PSWS.0
WSGR
These bits are not applicable in the Lx2401A since either (i) the peripheral functionality is absent or (ii) the corre-
These bits are not applicable in the Lx2401A since either (i) the peripheral functionality is absent or (ii) the corre-
sponding pins have not been bonded out of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com