Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2401AVFS Datasheet(PDF) 83 Page - Texas Instruments

Part # TMX320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMX320LF2401AVFS Datasheet HTML 79Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 80Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 81Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 82Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 83Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 84Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 85Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 86Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
83
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register description (continued)
Table 16. Lx2401A DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
ANALOG-TO-DIGITAL CONVERTER (ADC) REGISTERS (CONTINUED)
070B0h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT8
070B0h
D1
D0
0
0
0
0
0
0
RESULT8
070B1h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT9
070B1h
D1
D0
0
0
0
0
0
0
RESULT9
070B2h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT10
070B2h
D1
D0
0
0
0
0
0
0
RESULT10
070B3h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT11
070B3h
D1
D0
0
0
0
0
0
0
RESULT11
070B4h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT12
070B4h
D1
D0
0
0
0
0
0
0
RESULT12
070B5h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT13
070B5h
D1
D0
0
0
0
0
0
0
RESULT13
070B6h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT14
070B6h
D1
D0
0
0
0
0
0
0
RESULT14
070B7h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT15
070B7h
D1
D0
0
0
0
0
0
0
RESULT15
070B8h
Reserved
070B9h
to
070FFh
Illegal
07100h
to
073FFh
Reserved
GENERAL-PURPOSE (GP) TIMER CONFIGURATION CONTROL REGISTERS − EVA
07400h
—
T2STAT
T1STAT
—
T2TOADC
T1TOADC(1)
GPTCONA
07400h
T1TOADC(0)
TCOMPOE
—
T2PIN
T1PIN
GPTCONA
07401h
D15
D14
D13
D12
D11
D10
D9
D8
T1CNT
07401h
D7
D6
D5
D4
D3
D2
D1
D0
T1CNT
07402h
D15
D14
D13
D12
D11
D10
D9
D8
T1CMPR
07402h
D7
D6
D5
D4
D3
D2
D1
D0
T1CMPR
07403h
D15
D14
D13
D12
D11
D10
D9
D8
T1PR
07403h
D7
D6
D5
D4
D3
D2
D1
D0
T1PR
07404h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T1CON
07404h
—
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
—
T1CON
These bits are not applicable in the Lx2401A since either (i) the peripheral functionality is absent or (ii) the corre-
These bits are not applicable in the Lx2401A since either (i) the peripheral functionality is absent or (ii) the corre-
sponding pins have not been bonded out of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com