Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2401AVFS Datasheet(PDF) 59 Page - Texas Instruments

Part # TMX320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMX320LF2401AVFS Datasheet HTML 55Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 56Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 57Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 58Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 59Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 60Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 61Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 62Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
current consumption by power-supply pins over recommended operating temperature range
during low-power modes at 40-MHz CLOCKOUT† (LF2401A)
PARAMETER
MODE
OPERATING CONDITIONS
TEMPERATURE
MIN
TYP
MAX
UNIT
Operational
Clock to all peripherals is enabled.
−40
°C to 85°C (A)
60
70
mA
IDD
Operational
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 85°C (A)
60
70
mA
IDD
Operational
Current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 125°C (S)
60
90
mA
ICCA
ADC module
current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 85°C (A)
12
18
mA
ICCA
ADC module
current
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 125°C (S)
12
18
mA
IDD
Operational
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 85°C (A)
35
40
mA
IDD
Operational
Current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 125°C (S)
35
50
mA
ICCA
ADC module
current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 85°C (A)
5
10
µA
ICCA
ADC module
current
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 125°C (S)
5
20
µA
IDD
Operational
Current
Clock to all peripherals is disabled.
Flash is powered down.
−40
°C to 85°C (A)
80
100
µA
IDD
Operational
Current
LPM2
Clock to all peripherals is disabled.
Flash is powered down.
−40
°C to 125°C (S)
80
200
µA
ICCA
ADC module
current
LPM2
Clock to all peripherals is disabled.
Flash is powered down.
−40
°C to 85°C (A)
5
10
µA
ICCA
ADC module
current
Clock to all peripherals is disabled.
Flash is powered down.
−40
°C to 125°C (S)
5
20
µA
† IDD is the current flowing into the VDD and VDDO pins.
current consumption by power-supply pins over recommended operating temperature range
during low-power modes at 40-MHz CLOCKOUT† (LC2401A)
PARAMETER
MODE
OPERATING CONDITIONS
TEMPERATURE
MIN
TYP
MAX
UNIT
IDD
Operational
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 85°C (A)
40
50
mA
IDD
Operational
Current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 125°C (S)
40
70
mA
ICCA
ADC module
current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 85°C (A)
12
18
mA
ICCA
ADC module
current
Clock to all peripherals is enabled.
No I/O pins are switching.
−40
°C to 125°C (S)
12
18
mA
IDD
Operational
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 85°C (A)
15
22
mA
IDD
Operational
Current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 125°C (S)
15
32
mA
ICCA
ADC module
current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 85°C (A)
5
10
µA
ICCA
ADC module
current
Clock to all peripherals is disabled.
No I/O pins are switching.
−40
°C to 125°C (S)
5
15
µA
IDD
Operational
Current
Clock to all peripherals is disabled.
−40
°C to 85°C (A)
50
70
µA
IDD
Operational
Current
LPM2
Clock to all peripherals is disabled.
−40
°C to 125°C (S)
50
170
µA
ICCA
ADC module
current
LPM2
Clock to all peripherals is disabled.
−40
°C to 85°C (A)
5
10
µA
ICCA
ADC module
current
Clock to all peripherals is disabled.
−40
°C to 125°C (S)
5
15
µA
† IDD is the current flowing into the VDD and VDDO pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com