Electronic Components Datasheet Search
  English  ▼

X  

TMX320LF2401AVFS Datasheet(PDF) 5 Page - Texas Instruments

Part # TMX320LF2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LF2401AVFS Datasheet(HTML) 5 Page - Texas Instruments

  TMX320LF2401AVFS Datasheet HTML 1Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 2Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 3Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 4Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 5Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 6Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 7Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 8Page - Texas Instruments TMX320LF2401AVFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TMS320x240xA device summary
Table 1. Device Feature Comparison Between Lx2401A and Lx2402A
FEATURE
LF2401A
LC2401A
LF2402A
LC2402A
C2xx DSP Core
Yes
Yes
Yes
Yes
Instruction Cycle
25 ns
25 ns
25 ns
25 ns
MIPS (40 MHz)
40 MIPS
40 MIPS
40 MIPS
40 MIPS
RAM (16-bit word)
Dual-Access
RAM (DARAM)
544
544
544
544
RAM (16-bit word)
Single-Access
RAM (SARAM)
512
512
512
—
3.3-V Flash (Program Space, 16-bit word)
8K
—
8K
—
Flash Sectors
4K/4K
—
4K/4K
—
On-chip ROM (Program Space, 16-bit word)
—
8K
—
6K
Code Security for On-Chip Flash/ROM
Yes
Yes
Yes
Yes
Boot ROM
Yes
Yes
Yes
—
External Memory Interface
—
—
—
—
Event Manager A (EVA)
EVA
EVA
EVA
EVA
S
General-Purpose (GP) Timers
2
2
2
2
S
Compare (CMP)/PWM
7
7
8
8
S
Capture (CAP)/QEP
1
1
3/2
3/2
S
Input qualifier circuitry on
PDPINTx, CAPn, XINT1/2, and
ADCSOC pins
Yes†
Yes†
Yes
Yes
Watchdog Timer
Yes
Yes
Yes
Yes
10-Bit ADC
Yes
Yes
Yes
Yes
S
Channels
5
5
8
8
S
Conversion Time (minimum)
500 ns
500 ns
500 ns
500 ns
SPI
—
—
—
—
SCI
Yes
Yes
Yes
Yes
CAN
—
—
—
—
Digital I/O Pins (Shared)
13
13
21
21
External Interrupts
2
2
3
3
Supply Voltage
Core
3.3 V
3.3 V
3.3 V
3.3 V
Supply Voltage
I/O
3.3 V
3.3 V
3.3 V
3.3 V
Packaging
32-pin VF
32-pin VF
64-pin PG
64-pin PG
Product Status‡ :
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PD
PD
PD
† Some pins may not be applicable to Lx2401A.
‡ PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
ADVANCE INFORMATION concerns new products in the sampling or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com