Electronic Components Datasheet Search
  English  ▼

X  

TMP320LC2401AVFS Datasheet(PDF) 48 Page - Texas Instruments

Part # TMP320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LC2401AVFS Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMP320LC2401AVFS Datasheet HTML 44Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 45Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 46Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 47Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 48Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 49Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 50Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 51Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
digital I/O and shared pin functions
The 2401A has up to 13 general-purpose, bidirectional, digital I/O (GPIO) pins—most of which are shared
between primary functions and I/O. Most I/O pins of the 2401A are shared with other functions. The digital I/O
ports module provides a flexible method for controlling both dedicated I/O and shared pin functions. All I/O and
shared pin functions are controlled using eight 16-bit registers. These registers are divided into two types:
D Output Control Registers — used to control the multiplexer selection that chooses between the primary
function of a pin or the general-purpose I/O function.
D Data and Control Registers — used to control the data and data direction of bidirectional I/O pins.
description of shared I/O pins
Each shared I/O pin has three bits that define its operation:
D MUX control bit — this bit selects between the primary function (1) and I/O function (0) of the pin.
D I/O direction bit — if the I/O function is selected for the pin (MUX control bit is set to 0), this bit determines
whether the pin is an input (0) or an output (1).
D I/O data bit — if the I/O function is selected for the pin (MUX control bit is set to 0) and the direction selected
is an input, data is read from this bit; if the direction selected is an output, data is written to this bit.
The MUX control bit, I/O direction bit, and I/O data bit are in the I/O control registers.
A summary of shared pin configurations and associated bits is shown in Table 10.
Table 10. Shared Pin Configurations
PIN FUNCTION SELECTED
MUX
MUX CONTROL
I/O PORT DATA AND DIRECTION†
(MCRA.n = 1)
Primary Function
(MCRA.n = 0)
Secondary
Function
MUX
CONTROL
REGISTER
(name.bit #)
MUX CONTROL
VALUE AT
RESET
(MCRx.n)
REGISTER
DATA BIT NO.‡
DIR BIT NO.§
PORT A
PDPINTA
IOPA0¶
MCRA.0
0
PADATDIR
0
8
PWM1
IOPA1
MCRA.1
0
PADATDIR
1
9
PWM2
IOPA2
MCRA.2
0
PADATDIR
2
10
PWM3
IOPA3
MCRA.3
0
PADATDIR
3
11
PWM4
IOPA4
MCRA.4
0
PADATDIR
4
12
PWM5
IOPA5
MCRA.5
0
PADATDIR
5
13
PWM6
IOPA6
MCRA.6
0
PADATDIR
6
14
CLKOUT
XINT2/ADCSOC/
CAP1/IOPA7
MCRA.7
0
PADATDIR
7
15
PORT B
T2PWM
XINT1/IOPB0
MCRA.8
0
PBDATDIR
0
8
IOPB1
IOPB1
MCRA.9
0
PBDATDIR
1
9
IOPB2
IOPB2
MCRA.10
0
PBDATDIR
2
10
SCITXD
IOPB3
MCRA.11
0
PBDATDIR
3
11
SCIRXD
IOPB4
MCRA.12
0
PBDATDIR
4
12
OPB5
OPB5
MCRA.13
0
PBDATDIR
5
13
−
MCRA.14
0
PBDATDIR
6
14
−
MCRA.15
0
PBDATDIR
7
15
† Valid only if the I/O function is selected on the pin
‡ If the GPIO pin is configured as an output, these bits can be written to. If the pin is configured as an input, these bits are read from.
§ If the DIR bit is 0, the GPIO pin functions as an input. For a value of 1, the pin is configured as an output.
¶ Even when MCRA.0 = 0, the PDPINT circuitry is still active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com