Electronic Components Datasheet Search
  English  ▼

X  

TMP320LC2401AVFS Datasheet(PDF) 70 Page - Texas Instruments

Part # TMP320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LC2401AVFS Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMP320LC2401AVFS Datasheet HTML 66Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 67Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 68Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 69Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 70Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 71Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 72Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 73Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
70
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
LPM2 wake-up timing
switching characteristics over recommended operating conditions (see Figure 33)
PARAMETER
MIN
MAX
UNIT
td(PDP-PWM)HZ
Delay time, PDPINTA low to PWM
if bit 6 of SCSR2 = 0
(6 + 1)tc(CO) + 12†
ns
td(PDP-PWM)HZ
Delay time, PDPINTA low to PWM
high-impedance state
if bit 6 of SCSR2 = 1
(12+ 1)tc(CO) + 12†
ns
td(INT)
Delay time, INT low/high to interrupt-vector
fetch
10tc(CO) + tw(PDP−WAKE)
ns
† Includes i/p qualifier cycles plus synchronization plus propagation delay
timing requirements (see Figure 33)
MIN
MAX
UNIT
tw(PDP−WAKE)
Pulse duration, PDPINTA input low
if bit 6 of SCSR2 = 0
6tc(CO)
ns
tw(PDP−WAKE)
Pulse duration, PDPINTA input low
if bit 6 of SCSR2 = 1
12tc(CO)
ns
tp
PLL lock-up time
98 304tc(CI)
cycles
PWM
PDPINTA
CLKOUT‡§
tw(PDP−WAKE)
td(PDP-PWM)HZ
CPU Status
Interrupt Vector¶ or
Next Instruction#
td(INT)
XTAL1
Oscillator Disabled
CLKIN
tp
tOSC†
CPU IDLE State (LPM2)
† tOSC is the oscillator start-up time.
‡ CLKOUT frequency after LPM2 wake-up will be the same as that upon entering LPM2 (x4 shown as an example).
§ Unlike other 24x/240x devices, the CLKOUT signal does not appear on the CLKOUT pin by default (after a device reset). The CLKOUT
waveform depicted in the figure is present internally in the DSP. However, in order to route the internal CLKOUT signal to the
XINT2/ADCSOC/CAP1/IOPA7/CLKOUT pin, bit 7 of the MCRA register must be programmed appropriately.
¶ PDPINTA interrupt vector, if PDPINTA interrupt is enabled.
# If PDPINTA interrupt is disabled.
Figure 33. LPM2 Wakeup Using PDPINTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com