Electronic Components Datasheet Search
  English  ▼

X  

TMP320LC2401AVFS Datasheet(PDF) 76 Page - Texas Instruments

Part # TMP320LC2401AVFS
Description  DSP CONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320LC2401AVFS Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMP320LC2401AVFS Datasheet HTML 72Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 73Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 74Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 75Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 76Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 77Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 78Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 79Page - Texas Instruments TMP320LC2401AVFS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
TMS320LF2401A, TMS320LC2401A
DSP CONTROLLERS
SPRS161K − MARCH 2001 − REVISED JULY 2007
76
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
internal ADC module timing† (see Figure 39)
MIN
MAX
UNIT
tc(AD)
Cycle time, ADC prescaled clock
33.3
ns
tw(SHC)
Pulse duration, total sample/hold and conversion time‡
500
ns
tw(SH)
Pulse duration, sample and hold time
2tc(AD)§
32tc(AD)
ns
tw(C)
Pulse duration, total conversion time
10tc(AD)
ns
td(SOC-SH)
Delay time, start of conversion to beginning of sample and hold
2tc(CO)
ns
td(EOC)
Delay time, end of conversion to data loaded into result register
2tc(CO)
ns
td(ADCINT)
Delay time, ADC flag to ADC interrupt
2tc(CO)
ns
† The ADC timing diagram represents a typical conversion sequence. Refer to the ADC chapter in the TMS320LF/LC240xA DSP Controllers
Reference Guide: System and Peripherals (literature number SPRU357) for more details.
‡ The total sample/hold and conversion time is determined by the summation of td(SOC-SH), tw(SH), tw(C), and td(EOC).
§ Can be varied by ACQ Prescaler bits in the ADCCTRL1 register
0
3
2
4
51
tw(C)
6
7
8
tc(AD)
ADC Clock
Analog Input
Bit Converted
td(SOC−SH)
EOC/Convert
Internal Start/
Sample Hold
Start of Convert
XFR to RESULTn
tw(SHC)
td(EOC)
9
tw(SH)
td(ADCINT)
ADC Interrupt
Figure 39. Analog-to-Digital Internal Module Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com